Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4NM60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # P4NM60
Description  N-channel 600 V, 1.3 Ω, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P4NM60 Datasheet(HTML) 5 Page - STMicroelectronics

  P4NM60 Datasheet HTML 1Page - STMicroelectronics P4NM60 Datasheet HTML 2Page - STMicroelectronics P4NM60 Datasheet HTML 3Page - STMicroelectronics P4NM60 Datasheet HTML 4Page - STMicroelectronics P4NM60 Datasheet HTML 5Page - STMicroelectronics P4NM60 Datasheet HTML 6Page - STMicroelectronics P4NM60 Datasheet HTML 7Page - STMicroelectronics P4NM60 Datasheet HTML 8Page - STMicroelectronics P4NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STD3NM60, STD3NM60-1, STP4NM60
Electrical characteristics
Doc ID 8370 Rev 4
5/17
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current
(pulsed)
-
3
12
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Forward on voltage
ISD = 3 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 3 A, di/dt = 100 A/µs,
VDD = 100 V, Tj = 25°C
(see
Figure 17)
-
224
1
9
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 3 A, di/dt = 100 A/µs,
VDD = 100 V, Tj = 150°C
(see
Figure 17)
-
296
1.4
9.3
ns
µC
A
Table 8.
Gate-source Zener diode (1)
1.
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-source breakdown
voltage
Igs=± 1mA (open drain)
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com