Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95320-MB3G/P Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95320-MB3G/P
Description  32 Kbit serial SPI bus EEPROMs with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-MB3G/P Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95320-MB3G/P Datasheet HTML 35Page - STMicroelectronics M95320-MB3G/P Datasheet HTML 36Page - STMicroelectronics M95320-MB3G/P Datasheet HTML 37Page - STMicroelectronics M95320-MB3G/P Datasheet HTML 38Page - STMicroelectronics M95320-MB3G/P Datasheet HTML 39Page - STMicroelectronics M95320-MB3G/P Datasheet HTML 40Page - STMicroelectronics M95320-MB3G/P Datasheet HTML 41Page - STMicroelectronics M95320-MB3G/P Datasheet HTML 42Page - STMicroelectronics M95320-MB3G/P Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
M95320, M95320-W, M95320-R
Part numbering
Doc ID 5711 Rev 12
39/44
11
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 24.
Ordering information scheme
Example:
M95320
–
W MN 6
T
P
/P
Device type
M95 = SPI serial access EEPROM
Device function
320 = 32 Kbit (4096 × 8)
Operating voltage
blank = VCC = 4.5 to 5.5 V
W = VCC = 2.5 to 5.5 V
R = VCC = 1.8 to 5.5 V
Package(1)
1.
All packages are ECOPACK2® (RoHS compliant and Halogen-free).
MN = SO8 (150 mils width)
DW = TSSOP8 (169 mils width)
MB = MLP8 (2 × 3 mm)
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3 = Device tested with high reliability certified flow(2)automotive temperature range
(–40 to 125 °C)
2.
ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment.
The high reliability certified flow (HRCF) is described in the quality note QNEE9801. Please ask your
nearest ST sales office for a copy.
Option
blank = Standard packing
T = Tape and reel packing
Plating technology
P or G = ECOPACK (RoHS compliant)
Process letter(3)
3.
The process letter only concerns Grade-3 devices.
/P or /PC = DP26% Chartered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com