Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72212 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST72212
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72212 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72212 Datasheet HTML 5Page - STMicroelectronics ST72212 Datasheet HTML 6Page - STMicroelectronics ST72212 Datasheet HTML 7Page - STMicroelectronics ST72212 Datasheet HTML 8Page - STMicroelectronics ST72212 Datasheet HTML 9Page - STMicroelectronics ST72212 Datasheet HTML 10Page - STMicroelectronics ST72212 Datasheet HTML 11Page - STMicroelectronics ST72212 Datasheet HTML 12Page - STMicroelectronics ST72212 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
9/85
ST72101/ST72212/ST72213
1.3 EXTERNAL CONNECTIONS
The following figure shows the recommended ex-
ternal connections for the device.
The VPP pin is only used for programming OTP
and EPROM devices and must be tied to ground in
user mode.
The 10 nF and 0.1 µF decoupling capacitors on
the power supply lines are a suggested EMC per-
formance/cost tradeoff.
The external reset network is intended to protect
the device against parasitic resets, especially in
noisy environments.
Unused I/Os should be tied high to avoid any un-
necessary power consumption on floating lines.
An alternative solution is to program the unused
ports as inputs with pull-up.
Figure 8. Recommended External Connections
VPP
VDD
VSS
OSCIN
OSCOUT
RESET
VDD
0.1µF
+
See
Clocks
Section
VDD
0.1µF
0.1µF
EXTERNAL RESET CIRCUIT
Or configure unused I/O ports
Unused I/O
10nF
4.7K
10K
by software as input with pull-up
VDD
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com