Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5259B Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # ZMM5259B
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ZMM5259B Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  ZMM5259B Datasheet HTML 1Page - EIC discrete Semiconductors ZMM5259B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified
Nominal Zener
Test
Maximum Reverse
Typical
Maximum
Voltage
(3)
Current
Impedance
(1)
Leakage Current
Temperature
Regulator
Type
ZZK @
Coefficient
Current
(2)
IZK = 0.25mA
α
VZ(%/ °C)
IZM
(V)
(mA)
(Ω)(Ω)(μA)
(V)
(mA)
ZMM5221B
2.4
20
30
1200
100
1.0
-0.085
190
ZMM5222B
2.5
20
30
1250
100
1.0
-0.085
182
ZMM5223B
2.7
20
30
1300
75
1.0
-0.080
168
ZMM5224B
2.8
20
30
1400
75
1.0
-0.080
162
ZMM5225B
3.0
20
29
1600
50
1.0
-0.075
152
ZMM5226B
3.3
20
28
1600
25
1.0
-0.070
138
ZMM5227B
3.6
20
24
1700
15
1.0
-0.065
126
ZMM5228B
3.9
20
23
1900
10
1.0
-0.060
115
ZMM5229B
4.3
20
22
2000
5.0
1.0
± 0.055
106
ZMM5230B
4.7
20
19
1900
5.0
2.0
±
0.030
97
ZMM5231B
5.1
20
17
1600
5.0
2.0
±
0.030
89
ZMM5232B
5.6
20
11
1600
5.0
3.0
+0.038
81
ZMM5233B
6.0
20
7
1600
5.0
3.5
+0.038
76
ZMM5234B
6.2
20
7
1000
5.0
4.0
+0.045
73
ZMM5235B
6.8
20
5
750
3.0
5.0
+0.050
67
ZMM5236B
7.5
20
6
500
3.0
6.0
+0.058
61
ZMM5237B
8.2
20
8
500
3.0
6.5
+0.062
55
ZMM5238B
8.7
20
8
600
3.0
6.5
+0.065
52
ZMM5239B
9.1
20
10
600
3.0
7.0
+0.068
50
ZMM5240B
10
20
17
600
3.0
8.0
+0.075
45
ZMM5241B
11
20
22
600
2.0
8.4
+0.076
41
ZMM5242B
12
20
30
600
1.0
9.1
+0.077
38
ZMM5243B
13
9.5
13
600
0.5
9.9
+0.079
35
ZMM5244B
14
9.0
15
600
0.1
10
+0.082
32
ZMM5245B
15
8.5
16
600
0.1
11
+0.082
30
ZMM5246B
16
7.8
17
600
0.1
12
+0.083
28
ZMM5247B
17
7.4
19
600
0.1
13
+0.084
27
ZMM5248B
18
7.0
21
600
0.1
14
+0.085
25
ZMM5249B
19
6.6
23
600
0.1
14
+0.086
24
ZMM5250B
20
6.2
25
600
0.1
15
+0.086
23
ZMM5251B
22
5.6
29
600
0.1
17
+0.087
21
ZMM5252B
24
5.2
33
600
0.1
18
+0.088
19.1
ZMM5253B
25
5.0
35
600
0.1
19
+0.089
18.2
ZMM5254B
27
4.6
41
600
0.1
21
+0.090
16.8
ZMM5255B
28
4.5
44
600
0.1
21
+0.091
16.2
ZMM5256B
30
4.2
49
600
0.1
23
+0.091
15.1
ZMM5257B
33
3.8
58
700
0.1
25
+0.092
13.8
ZMM5258B
36
3.4
70
700
0.1
27
+0.093
12.6
ZMM5259B
39
3.2
80
800
0.1
30
+0.094
11.6
ZMM5260B
43
3.0
93
900
0.1
33
+0.095
10.6
ZMM5261B
47
2.7
105
1000
0.1
36
+0.095
9.7
ZMM5262B
51
2.5
125
1100
0.1
39
+0.096
8.9
ZMM5263B
56
2.2
150
1300
0.1
43
+0.096
-
ZMM5264B
60
2.1
170
1400
0.1
46
+0.097
-
ZMM5265B
62
2.0
185
1400
0.1
47
+0.097
-
ZMM5266B
68
1.8
230
1600
0.1
52
+0.097
-
ZMM5267B
75
1.7
270
1700
0.1
56
+0.098
-
Notes :
(1) The Zener impedance is derived from the 1kHz AC voltage which results when an AC current having an RMS value equal
to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure
a sharp knee on the breakdown curve and to eliminate unstable units
(2) Valid provided that electrodes are kept at ambient temperature
(3) Standard Zener voltage tolerance is± 5% tolerance.
Page 2 of 2
Rev. 03 : July 17, 2006
IR @ VR
Maximum Zener
VZ @ IZT
IZT
ZZT @ IZT
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com