Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C33 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BZX84C33
Description  350mW Surface Mount Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

BZX84C33 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  BZX84C33 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C33 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C33 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C33 Datasheet HTML 4Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C33 Datasheet HTML 5Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
350mW Surface Mount Zener Diode
BZX84C2V4-BZX84C51
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Zerner Voltage Range
Maximum Zener
Impedance
Maximum
Reverse
Current
Typical
Temperature
Coefficient @IZT
mV/℃
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IR
VR
Type
Number
Marking
Code
Nom(V)
Min(V)
Max(V)
(mA)
(Ω)
(Ω)
(mA)
(μA)
(V)
Min
Max
BZX84C2V4
Z11
2.4
2.2
2.6
5.0
100
600
1.0
50
1.0
-3.5
0
BZX84C2V7
Z12
2.7
2.5
2.9
5.0
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0
Z13
3.0
2.8
3.2
5.0
95
600
1.0
10
1.0
-3.5
0
BZX84C3V3
Z14
3.3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX84C3V6
Z15
3.6
3.4
3.8
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX84C3V9
Z16
3.9
3.7
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V3
Z17
4.3
4.0
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V7
Z1
4.7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
-3.5
0.2
BZX84C5V1
Z2
5.1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
-2.7
1.2
BZX84C5V6
Z3
5.6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
-2.0
2.5
BZX84C6V2
Z4
6.2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
0.4
3.7
BZX84C6V8
Z5
6.8
6.4
7.2
5.0
15
80
1.0
2.0
4.0
1.2
4.5
BZX84C7V5
Z6
7.5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
2.5
5.3
BZX84C8V2
Z7
8.2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
3.2
6.2
BZX84C9V1
Z8
9.1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
3.8
7.0
BZX84C10
Z9
10
9.4
10.6
5.0
20
150
1.0
0.2
7.0
4.5
8.0
BZX84C11
Y1
11
10.4
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
Website: www.ps-pfs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com