Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8300-R Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT8300-R
Description  16-Bit I/O Expander IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8300-R Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT8300-R Datasheet HTML 1Page - Princeton Technology Corp PT8300-R Datasheet HTML 2Page - Princeton Technology Corp PT8300-R Datasheet HTML 3Page - Princeton Technology Corp PT8300-R Datasheet HTML 4Page - Princeton Technology Corp PT8300-R Datasheet HTML 5Page - Princeton Technology Corp PT8300-R Datasheet HTML 6Page - Princeton Technology Corp PT8300-R Datasheet HTML 7Page - Princeton Technology Corp PT8300-R Datasheet HTML 8Page - Princeton Technology Corp PT8300-R Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8300 V1.8
- 4 -
February, 2006
16-Bit I/O Expander IC
PT8300
FUNCTION DESCRIPTION
PT8300 is an I/O Expander IC which independently generates a 16-bit serial input-to-parallel output
shift register and a parallel input-to-serial output shift register for the purpose of reading the serial input
data that is generated during the parallel to serial data output conversion.
When the /RESET Pin is connected to VSS, the outputs of pins -- P0 to P7 are 0. If the PULLUP pin is
connected to VSS or open, the outputs of pins -- P8 to P15 are floating. If the PULLUP pin is connected
to VDD, the P8 to P15 pins are 1.
NO USED PINS
If any of the Input, Output or I/O (P8 to P15) pins are not used, then the following conditions listed in the
table must be carefully followed.
When an output pin is not used, it must keep OPEN. The unused input pin must only be set to either
HIGH or LOW. It should be noted that when an input pin is not used, it cannot be OPEN.
When the I/O Pins -- P8 to P15 -- are not used, certain conditions must be followed. If any of these pins,
P8 to P15 are connected to VSS, the PULLUP Pin must also be connected to VSS. If any of these pins
-- P8 to P15 -- are connected to VDD, then the Internal Shift Register 1 (Q8 to Q15) must be set to 1. If
these pins -- P8 to P15 -- are not connected to either VSS or VDD, then any one of the following
conditions must be followed:
1) PULLUP pin must be connected to VDD and the Shift Register 1 (Q8 to Q15) must be set to 1, or
2) PULLUP pin must be connected to VSS and the Shift Register 1 (Q8 to Q15) must be set to 0.
It must be noted that when P8 to P15 are not in used, they must be set to HIGH or LOW.
Type of Pin Not Used
Condition
Output pin
The unused output pin must be kept OPEN or not connected
Input pin
The unused input pin must either be set to HIGH or LOW.
It cannot be kept OPEN.
Connected to VSS
PULLUP pin must be connected to VSS
Connected to VDD
Shift register 1 (Q1 to Q15) is set to 1
I/O pin (P8 to P15)
No Connection
Any one of the conditions must be followed:
1. PULLUP pin is connected to VDD and shift
register 1 (Q1 to Q15) is set to 1.
2. PULLUP pin is connected to VSS, and shift
register 1 (Q8 to Q15) is set to 0.
3. When P8 to P15 are not in used, they must
either be set to HIGH or LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com