Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS33B Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # SS33B
Description  RATING AND CHARACTERTIC CURVES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

SS33B Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  SS33B Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. SS33B Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●For surface mounted applications
●Metal-Semiconductor junction with guarding
●Epitaxial construction
●Very low forward votage drop
●High current capability
●Plastic material has UL flammability
classification 94V-0
●For use in lowvoltage, high frequency inverters,
free wheeling, and polarity protection applications.
MECHANICAL DATA
●Case: Molded Plastic
●Polarity:Color band denotes cathode
●Weight: 0.003 ounces,0.093 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
SS32B
SS33B
SS34B
SS35B
SS36B
SS38B
SS310B
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward
Rectified Current
@TL=100 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 3.0A DC
VF
0.45
0.55
0.6
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJL
℃/W
Typical Thermal Resistance (Note3)
RθJA
℃/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SS32B thru SS310B
Dimensions in inches and (millimeters)
IFSM
A
mA
IR
0.7
10
50
I(AV)
3.0
80
250
A
-55 to + 150
-55 to + 150
0.85
1.0
20
.030(0.76)
.060(1.52)
.096(2.44)
.084(2.13)
.200(5.08)
.220(5.59)
.008(.203)
.002(.051)
.006(.152)
.012(.305)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.083(2.11)
.075(1.91)
Web Site: WWW.PS-PFS.COM


Similar Part No. - SS33B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS33B BILIN-SS33B Datasheet
140Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS33B TAITRON-SS33B Datasheet
182Kb / 3P
3.0A Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS33B YANGJIE-SS33B Datasheet
173Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS33B FRONTIER-SS33B Datasheet
124Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS33B LUGUANG-SS33B Datasheet
181Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS33B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3500-1324 ETC1-M3500-1324 Datasheet
40Kb / 1P
2K. PERFORMANCE CURVES FOR M3500-1324
logo
Jinan Gude Electronic D...
1N4001G JGD-1N4001G Datasheet
139Kb / 2P
RATINGS AND CHARACTERISTIC CURVES
logo
List of Unclassifed Man...
SS12A ETC2-SS12A Datasheet
38Kb / 2P
RATING AND CHARACTERTIC CURVES
logo
Shenzhen Luguang Electr...
50SMDG11A LUGUANG-50SMDG11A Datasheet
222Kb / 3P
Rating and Characteristic Curves 5.0SMDG Series
logo
Rohm
SLR343WBC7T3 ROHM-SLR343WBC7T3 Datasheet
164Kb / 5P
Electrical Characteristics Curves
logo
SUNMATE electronic Co.,...
FMU-12S SUNMATE-FMU-12S Datasheet
450Kb / 2P
FMU-12S-FMU-16S Ratings AND Charactieristic Curves
logo
New Jersey Semi-Conduct...
SM3F NJSEMI-SM3F Datasheet
121Kb / 2P
Derating Curves
logo
WALSIN TECHNOLOGY CORPO...
MK06S WALSIN-MK06S Datasheet
269Kb / 7P
Power rating and compact size
WF25S WALSIN-WF25S Datasheet
237Kb / 7P
Power rating and compact size
logo
List of Unclassifed Man...
J108 ETC-J108 Datasheet
68Kb / 1P
Performance Curves NIP See Sedion 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com