Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC606 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # KBPC606
Description  SINGLE PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

KBPC606 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  KBPC606 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. KBPC606 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE BRIDGE RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
KBPC6005 THRU KBPC610
BR605 THRU BR610
CURRENT
6.0 Ampere
0.270( 6.9)
0.230( 5.8)
0.75( 19.0) MIN
0.08( 2.0) MIN
0.042( 1.10) DIA
0.038( 0.97) TYP
0.85( 21.6)
MIN
0.620( 15.7)
0.580( 14.7)
0.445( 11.3)
0.405( 10.3)
DIA
0.158( 4.0)
0.142( 3.6)
0.620( 15.7)
0.580( 14.7)
AC
+
0.445( 11.3)
0.405( 10.3)
-
AC
0.10( 2.5) x45
BR-6
Dimensions in inches and (millimeters)
FEATURES
Low cost
This series in UL recognized under component
index, file number E127707
High forward surge current capacity
Ideal for printed circuit board
High isolation voltage from case to leads
High temperature soldering guaranteed:
260
OC / 10 seconds, at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
Technology: Cell with vacuum soldered
Case: Molded plastic body
Terminal: Lead solderable per MIL-STD-202E
method 208C
Polarity: Polarity symbols marked on case
Mounting: Thru hole for #10 screw, 5 in-lbs torque max.
Weight: 0.13 ounce, 3.66 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
KBPC6005
BR605
KBPC601
BR61
KBPC602
BR62
KBPC604
BR64
KBPC606
BR66
KBPC608
BR68
KBPC610
BR610
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
TC = 50℃ (Note 1)
6.0
Maximum Average Forward
Rectified Output Current, at
TA = 25℃ (Note 2)
I(AV)
3.0
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
125
Amps
Rating for Fusing (t<8.3mS)
I
2t
64
A
2s
Maximum Instantaneous Forward Voltage drop per
Bridge element at 3.0 A
VF
1.0
Volts
TA = 25℃
5.0
µA
Maximum DC Reverse Current at Rated
DC Blocking Voltage per element
TA = 100℃
IR
1.0
mA
Isolation Voltage from case to lug
VISO
2500
Volts
Typical Thermal Resistance (Note 1 )
RθJc
8.0
OC/W
Operating Temperature Rang
TJ
-55 to +150
OC
Storage Temperature Rang
TSTG
-55 to +150
OC
Notes:
1.
Unit mounted on 6.0” x 5.5” x 0.11” thick (15×14×0.3cm) AL plate
2.
Unit mounted on P.C. Board 0.375” (9.5mm) lead length with 0.47”×0.47” (12×12mm) copper pads.
Web Site: WWW.PS-PFS.COM


Similar Part No. - KBPC606

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC606 WTE-KBPC606 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC606 JGD-KBPC606 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC606 SEMTECH-KBPC606 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC606 SSE-KBPC606 Datasheet
21Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC606 CHENYI-KBPC606 Datasheet
149Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - KBPC606

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com