Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR310 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BR310
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

BR310 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  BR310 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. BR310 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER
KBPC1005 THRU KBPC1010
BR305 THRU BR310
VOLTAGE RANGE
CURRENT
50 to 1000 Volts
3.0 Amperes
Web Site:
1/2
FEATURES
l Low cost construction
l High forward surge current capability
l Ideal for printed circuit board
l High isolation voltage from case to leads
l High temperature soldering guaranteed:
260
oC/10 second, at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
l Case: Molded plastic body
l Terminal: Lead solderable per MIL-STD-202E method 208C.
l Polarity: Polarity symbols molded on case
l Mounting: Thru hole for #6 screw, 5 in.-lbs torque max.
l Weight:0.093ounce, 2.62 grams
0.270( 6.9)
0.230( 5.8)
0.75( 19.0) MIN
0.08( 2.0) MIN
0.034( 0.86) DIA
0.028( 0.71) TYP
0.85( 21.6)
MIN
0.620( 15.7)
0.580( 14.7)
0.445( 11.3)
0.405( 10.3)
DIA
0.158( 4.0)
0.142( 3.6)
0.620( 15.7)
0.580( 14.7)
AC
+
0.445( 11.3)
0.405( 10.3)
-
AC
0.10( 2.5) x45
BR-3
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
SYMBOLS
KBPC1005
BR305
KBPC101
BR31
KBPC102
BR32
KBPC104
BR34
KBPC106
BR36
KBPC108
BR38
KBPC1010
BR310
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
TC=50℃ (Note 2)
3.0
Maximum Average Forward
Rectified Output Current, at T
A=25℃ (Note 2)
I(AV)
2.0
Amps
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
60
Amps
Rating for Fusing(t<8.3ms)
I
2T
15
A
2S
Maximum Instantaneous Forward Voltage at 5.0A
VF
1.0
Volts
TA=25℃
5.0
µAmps
Maximum DC Reverse Current at rated
DC blocking voltage per element
TA=100℃
IR
0.5
mAmps
Isolation Voltage from case to leads
VISO
2500
µAmps
Typical Junction Capacitance Resistance (Note 1)
CJ
20
℃/W
Typical Thermal Resistance per element (Note 2)
RθJA
12
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
NOTES:
1.
Measured at 1.0 MHz and applied reverse voltage of 4.0 volts
2.
Unit mounted on 4.0”×4.0”×0.11” thick (10.5×10.5×0.3mm) Al. plate.
3.
Unit mounted on P.C.B at 0.375” (9.5mm) lead length with 0.5”×0.5” (12×12mm) copper pads.
WWW.PS-PFS.COM


Similar Part No. - BR310

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR310 RECTRON-BR310 Datasheet
21Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
BR310 BYTES-BR310 Datasheet
145Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
BR310 DCCOM-BR310 Datasheet
406Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
BR310 FORMOSA-BR310 Datasheet
29Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
BR310 GOOD-ARK-BR310 Datasheet
45Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - BR310

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com