Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS26 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # SS26
Description  Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

SS26 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  SS26 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. SS26 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. SS26 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS22-S210, Rev. C
SS22 - S210
Schottky Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
2001 Fairchild Semiconductor Corporation
Features
• Glass passivated junctions.
• High current capability, low V
F
.
• For use in low voltage, high
frequency inverters free
wheeling, and polarity
protection applications.
SMB/DO-214AA
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Device
Units
22
23
24
25
26
28
29
210
V
F
Forward Voltage @ 2.0 A
500
700
850
mV
IR
Reverse Current @ rated V
R
T
A = 25°C
T
A = 100°C
0.4
10
mA
mA
*Device mounted on FR-4 PCB 0.013 mm.
Symbol
Parameter
Value
Units
22
23
24
25
26
28
29
210
VRRM
Maximum Repetitive Reverse Voltage
20
30
40
50
60
80
90
100
V
IF(AV)
Average Rectified Forward Current
.375 " lead length @ TA = 75°C
2.0
A
I
FSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
50
A
T
stg
Storage Temperature Range
-65 to +150
°C
T
J
Operating Junction Temperature
-65 to +125
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
PD
Power Dissipation
1.3
W
RθJA
Thermal Resistance, Junction to Ambient *
75
°C/W
Web Site: WWW.PS-PFS.COM


Similar Part No. - SS26

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS26 ZOWIE-SS26 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS26 JGD-SS26 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS26 SSE-SS26 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
General Semiconductor
SS26 GE-SS26 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS26

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
SCHOTTKY RECTIFIERS
1N5817 NIUHANG-1N5817 Datasheet
357Kb / 2P
SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
SCHOTTKY RECTIFIERS
MBR30100DCT NIUHANG-MBR30100DCT Datasheet
373Kb / 3P
SCHOTTKY RECTIFIERS
SR1060 NIUHANG-SR1060 Datasheet
335Kb / 3P
SCHOTTKY RECTIFIERS
logo
Shanghai Leiditech Elec...
SS68C LEIDITECH-SS68C Datasheet
863Kb / 3P
Schottky rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com