Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2353 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2353
Description  Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2353 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2353_10 Datasheet HTML 1Page - Princeton Technology Corp PT2353_10 Datasheet HTML 2Page - Princeton Technology Corp PT2353_10 Datasheet HTML 3Page - Princeton Technology Corp PT2353_10 Datasheet HTML 4Page - Princeton Technology Corp PT2353_10 Datasheet HTML 5Page - Princeton Technology Corp PT2353_10 Datasheet HTML 6Page - Princeton Technology Corp PT2353_10 Datasheet HTML 7Page - Princeton Technology Corp PT2353_10 Datasheet HTML 8Page - Princeton Technology Corp PT2353_10 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2353 V1.2
- 5 -
March, 2006
Satellite + Subwoofer 3-Speaker System Electronics Crossover IC
PT2353
FUNCTION DESCRIPTION
VOLUME CONTROL
Both main volume control and subwoofer volume control are supported by PT2353. Please refer to the
diagram below.
Signal Source
LPF
HPF
Main Volume Output
(Only one channel is shown)
Subwoofer
Volume
Control
Subwoofer Output
Main
Volume
Control
The main volume control is used to adjust all audio volume levels. The subwoofer volume control can
be adjusted to match the main volume control. The Main Volume Control is determined by the MUP
and/ MDW pins. If the /MUP is connected to the Ground, the main volume level output may be
increased. If the /MDW is connected to the Ground, the main volume level output can be decreased.
The Subwoofer Volume Control is determined by the /SUP and /SDW pins. If the /SUP is connected to
Ground, the subwoofer volume level output can be increased. If the /SDW is connected to the Ground,
the subwoofer volume level output can be decreased.
When each of the /MUP, /MDW, /SUP, /SDW pins are connected to the GND for an indefinite period of
time, please refer to the following diagram.
t
T
α
/M PU , /M DW, /S UP, /SD W
Input Status
Vo lum e Con tro l Statu s
Notes:
1. t=Default Key Time
2. T=Hold Time (10 x 1/fosc)
3.
α=Volume UP/DOWN Switch Time (2 x 1/fosc)
4. fosc=Internal Oscillation Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com