Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST-PB3-CLX-RLL Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SST-PB3-CLX-RLL
Description  BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link Library
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SST-PB3-CLX-RLL Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SST-PB3-CLX-RLL Datasheet HTML 1Page - Molex Electronics Ltd. SST-PB3-CLX-RLL Datasheet HTML 2Page - Molex Electronics Ltd. SST-PB3-CLX-RLL Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
• Enhanced design!
100% backward compatible with
previous generation
(SST-PFB-CLX)
Up to 2 times faster
Easier to change module’s
configuration with PLC in RUN
mode
Runs without ladder code
Module can “Set Slave” address
Dynamically add/remove
Profibus slaves from scan list
• Remote Configuration and
diagnostic through RSLinx ®
• Profibus modules can be used in
Local or Remote (through CIP
networks) Racks
• Certified PROFIBUS CommDTM
driver for FDT Frame engineering
tools
• Provides user-defined data space
up to 1984 Bytes Input and
1968 Bytes Output
• Supports all PROFIBUS baud rates
including 45.45 kbps
• Manages DP-V1 Services
• Simultaneous operation of
PROFIBUS DP Master and Slave
• Multiple SST-PB3-CLX-RLL modules
can be used in one CLX rack
Protocols
• PROFIBUS DP-V0 Master Class 1&2
• PROFIBUS DP-V1 Master Class 1&2
• PROFIBUS DP-V0 Slave
Typical Applications
• Chemical or pharmaceutical
application running PROFIBUS PA
• Machine builder application with
high-speed control requirements
PROFIBUS® DP Master/Slave
For the Rockwell ControlLogix® Controller
Overview
The BradCommunications
™ SST™ Profibus® module connects your Rockwell
ControlLogix
® controller to Profibus as a master or slave to scan or emulate
PROFIBUS DP I/O. With the new user-defined data space of 1984 Bytes Input and
1968 Bytes Output, the BradCommunications
™ SST™ Profibus module provides a
cost efficient solution to connect the ControlLogix CPU with large PROFIBUS
networks.
Remote Link Library
The Remote Link Library software provides added functionality to the
BradCommunications SST Profibus module by allowing you to remotely monitor or
download changes to your Profibus configuration. This is done by routing data from
the BradCommunications SST Profibus DP Master Configuration software through
Rockwell Automation
®’s RSLinx software via Ethernet to the Allen-Bradley
ControlLogix backplane. The Profibus Scanner can be used on a Local Rack or on
a Remote Rack through CIP networks like EtherNet/IP or ControlNet
CommDTM Driver for FDT Tools
By purchasing SST-PB3-CLX-DTM part number, you will get the driver license to
use the certified CommDTM driver conforms to FDT v1.2 specifications. It is the
ideal solution for connecting FDT engineering tools such as PACTware
™ or
FieldCare
™ to PROFIBUS. It allows the linking with Device DTMs for the
configuration and diagnostics with DP-V1 devices including Profibus PA field
instruments.
- Fieldcare Screenshot -
- Pactware Screenshot -
The BradCommunications™ SST Profibus communication
module connects your Rockwell ControlLogix® controller
to PROFIBUS DP network.
30 Oct. 09
DW200588



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com