Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5RH552B-T1 Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # RH5RH552B-T1
Description  PWM STEP-UP DC/DC CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RH552B-T1 Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button RH5RH552B-T1 Datasheet HTML 9Page - RICOH electronics devices division RH5RH552B-T1 Datasheet HTML 10Page - RICOH electronics devices division RH5RH552B-T1 Datasheet HTML 11Page - RICOH electronics devices division RH5RH552B-T1 Datasheet HTML 12Page - RICOH electronics devices division RH5RH552B-T1 Datasheet HTML 13Page - RICOH electronics devices division RH5RH552B-T1 Datasheet HTML 14Page - RICOH electronics devices division RH5RH552B-T1 Datasheet HTML 15Page - RICOH electronics devices division RH5RH552B-T1 Datasheet HTML 16Page - RICOH electronics devices division RH5RH552B-T1 Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
The above explanation is directed to the calculation in an ideal case where there is no energy loss caused by the
resistance in the external components and LxSW. In an actual case, the maximum output current will be 50
to 80% of the above calculated maximum output current. In particular, care must be taken because VIN is
decreased in an amount corresponding to the voltage drop caused by LxSW when IL is large or VIN is low.
Furthermore, it is required that with respect to VOUT, Vf of the diode (about 0.3V in the case of a Schottky type
diode) be taken into consideration.
12
RH5RH
Therefore it is necessary that the setting of the input/output conditions and the selection of peripheral compo-
nents should be made with ILmax taken into consideration.
•
Output Current in Continuous Conduction Mode
When the operation enters into the continuous conduction mode by increasing the IOUT, ILmin becomes equal
to Iconst (> 0), and this current always flows through the inductor. Therefore, VIN · Iconst is added to PIN in
Equation 5.
Thus, PIN=VIN · Iconst+(PON+POFF)/T=VOUT ·IOUT=POUT
When the above Equation is solved for IOUT,
IOUT=VIN
2 · tonc2/(2 · L · T · (VOUT–VIN))+VIN · Iconst/VOUT ............................................Equation 8
The peak current which flows through L · LxTr · SD is
ILmax=VIN · ton/L+Iconst ...................................................................................................Equation 9
From Equations 6 and 9, the larger the value of L, the smaller the load current at which the operation enters
into the continuous mode, and the smaller the difference between ILmax and ILmin, and the smaller the value of
ILmax.
Therefore, when the load current is the same, the larger the value of L, the easier the selection of peripheral
components with a small allowable current becomes, and the smaller the ripple of the peripheral components can
be made. In this case, however, it must be noted from Equation 6 that IOUT becomes small when the allowable cur-
rent of the inductor is small or when VIN is so small that the operation cannot enter into the continuous mode.
HINTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com