Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5259B Datasheet(PDF) 1 Page - Jinan Gude Electronic Device

Part # ZMM5259B
Description  SURFACE MOUNT ZENER DIODES/MINI MELF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

ZMM5259B Datasheet(HTML) 1 Page - Jinan Gude Electronic Device

  ZMM5259B Datasheet HTML 1Page - Jinan Gude Electronic Device ZMM5259B Datasheet HTML 2Page - Jinan Gude Electronic Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - ZMM5259B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMM5259B DIODES-ZMM5259B Datasheet
80Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS30024 Rev. C-2
logo
Weitron Technology
ZMM5259B WEITRON-ZMM5259B Datasheet
575Kb / 4P
Surface Mount Zener Diodes
logo
Pan Jit International I...
ZMM5259B PANJIT-ZMM5259B Datasheet
61Kb / 3P
SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
ZMM5259B TAITRON-ZMM5259B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
logo
Guangdong Kexin Industr...
ZMM5259B KEXIN-ZMM5259B Datasheet
44Kb / 2P
Zener Diodes
More results

Similar Description - ZMM5259B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM55C JGD-ZMM55C Datasheet
169Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
1W , MELF Surface Mount Zener Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
500mW Mini MELF Zener Diodes
logo
Frontier Electronics.
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
500mW MINI MELF ZENER DIODE
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
500mW Mini melf ZENER Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com