Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCAP Datasheet(PDF) 4 Page - Switchcraft, Inc.

Part # JCAP
Description  IP68/ NEMA 250 (6P) Sealed Power Plug and Jack
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

JCAP Datasheet(HTML) 4 Page - Switchcraft, Inc.

  JCAP Datasheet HTML 1Page - Switchcraft, Inc. JCAP Datasheet HTML 2Page - Switchcraft, Inc. JCAP Datasheet HTML 3Page - Switchcraft, Inc. JCAP Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Power Plug - Specifications
Features:
- IP66, IP67, IP68 / NEMA 250 (6P) when mated
- Hollow center pin available in 3 pin diameters (2.5mm,
2.1mm, 2.0mm)
- Locking ring provides security in critical applications
- Sleeve terminal serves as cord clamp
- Handle/Boot with cable strain relief
Specifications:
Plug Sleeve and Pin: Plated copper alloy
Lock Ring: Plated copper alloy
Lock Ring Thread Size: 7/16-32 UN2B thread
Finger Insulator: Rigid thermoplastic
Insulating Washer: Rigid thermoplastic
Sleeve Terminal: Plated copper alloy, electro-tinned
Handle: Rigid thermoplastic overmolded with
thermoplastic elastomer
Handle Thread Size: 5/16-24 UNF 2A
Electrical: Current (carry) 5A at 65˚C
Power Jack - Specifications
Features:
- IP66, IP67, IP68 / NEMA 250 (6P) when mated
- Automatic switch over from AC to DC permitted
by sleeve shunt spring
- Split center pin shaped to hold mating plug firmly
- Right Angle versions offer “kinked” PC terminals
for board retention
- Optional IP rated cap (JCAP) protects jack
when not in use
Materials:
Housing: Rigid thermoplastic
Bushing: Plated copper alloy, with assembled &
lubricated o-ring
Terminals: Plated copper alloy
Insulators: Rigid Thermoplastic
Hardware: Supplied with one nickel plated copper
alloy hex nut (P1489), one nickel plated steel flat
washer (P3031) and one o-ring for sealing jack
to panel
Electrical:
Current Rating (carry): 5A, up to 30V DC at 65˚C
Contact Resistance: 0.01 Ohms max (initial), 0.02
Ohms (after humidity, durability exposure), 0.10
Ohms max. (after salt spray)
Insulation Resistance: 10,000 Mohms min. (initial),
1,000 Mohms (after humidity, durability expo-
sure)
Dielectric Withstanding Voltage: 500VAC max.
Overmold Option
Seal Cap - Specifications
Features:
- IP66, IP67, IP68 / NEMA 250 (6P)
when mated
Material:
Thermoplastic Elastomer
Switchcraft
Sealed Power Plugs and Jacks
®
Made In USAU
SAMade in
Switchcraft®
Harsh Environment
Connectivity Solutions
switchcraft.com
5555 N. Elston, Chicago, IL 60630
773-792-2700 - sales@switchcraft.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com