Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV431ACLP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ACLP
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431ACLP Datasheet(HTML) 3 Page - Texas Instruments

  TLV431ACLP Datasheet HTML 1Page - Texas Instruments TLV431ACLP Datasheet HTML 2Page - Texas Instruments TLV431ACLP Datasheet HTML 3Page - Texas Instruments TLV431ACLP Datasheet HTML 4Page - Texas Instruments TLV431ACLP Datasheet HTML 5Page - Texas Instruments TLV431ACLP Datasheet HTML 6Page - Texas Instruments TLV431ACLP Datasheet HTML 7Page - Texas Instruments TLV431ACLP Datasheet HTML 8Page - Texas Instruments TLV431ACLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TLV431, TLV431A, TLV431B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139T − JULY 1996 − REVISED JUNE 2007
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION (continued)
TJ
25
5C VREF
TOLERANCE
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
SC 70 (DCK)
Reel of 3000
TLV431BIDCKR
YF
SC-70 (DCK)
Reel of 250
TLV431BIDCKT
YF_
SOT 23 5 (DBV)
Reel of 3000
TLV431BIDBVR
Y3F
05%
SOT-23-5 (DBV)
Reel of 250
TLV431BIDBVT
Y3F_
0.5%
SOT 23 3 (DBZ)
Reel of 3000
TLV431BIDBZR
Y3F
SOT-23-3 (DBZ)
Reel of 250
TLV431BIDBZT
Y3F_
TO 92 (LP)
Bulk of 1000
TLV431BILP
TY431B
TO-92 (LP)
Reel of 2000
TLV431BILPR
TY431B
SOIC (D)
Tube of 75
TLV431AID
TY431A
SOIC (D)
Reel of 2500
TLV431AIDR
TY431A
SOT 23 5 (DBV)
Reel of 3000
TLV431AIDBVR
YAI
−40
°C to 85°C
SOT-23-5 (DBV)
Reel of 250
TLV431AIDBVT
YAI_
1%
SOT-23-3 (DBZ)
Reel of 3000
TLV431AIDBZR
YAI_
1%
SOT-89 (PK)
Reel of 1000
TLV431BIPK
VF
Bulk of 1000
TLV431AILP
TO-92 (LP)
Ammo of 2000
TLV431AILPM
V431AI
TO 92 (LP)
Reel of 2000
TLV431AILPR
V431AI
SOT 23 5 (DBV)
Reel of 3000
TLV431IDBVR
Y3I
SOT-23-5 (DBV)
Reel of 250
TLV431IDBVT
Y3I_
1.5%
SOT-23-3 (DBZ)
Reel of 3000
TLV431IDBZR
Y3I_
1.5%
TO 92 (LP)
Bulk of 1000
TLV431ILP
V431I
TO-92 (LP)
Reel of 2000
TLV431ILPR
V431I
SC 70 (DCK)
Reel of 3000
TLV431BQDCKR
YG
SC-70 (DCK)
Reel of 250
TLV431BQDCKT
YG_
SOT 23 5 (DBV)
Reel of 3000
TLV431BQDBVR
Y3H
SOT-23-5 (DBV)
Reel of 250
TLV431BQDBVT
Y3H_
0.5%
SOT 23 3 (DBZ)
Reel of 3000
TLV431BQDBZR
Y3H
−40
°C to 125°C
0.5%
SOT-23-3 (DBZ)
Reel of 250
TLV431BQDBZT
Y3H_
40 C to 125 C
SOT-89 (PK)
Reel of 1000
TLV431BQPK
V6
TO 92 (LP)
Bulk of 1000
TLV431BQLP
TQ431B
TO-92 (LP)
Reel of 2000
TLV431BQLPR
TQ431B
1%
SOT-89 (PK)
Reel of 1000
TLV431AQPK
VA
1.5%
SOT-89 (PK)
Reel of 1000
TLV431QPK
VB
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com