Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE555FKB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SE555FKB
Description  PRCISION TIMERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE555FKB Datasheet(HTML) 13 Page - Texas Instruments

Back Button SE555FKB Datasheet HTML 9Page - Texas Instruments SE555FKB Datasheet HTML 10Page - Texas Instruments SE555FKB Datasheet HTML 11Page - Texas Instruments SE555FKB Datasheet HTML 12Page - Texas Instruments SE555FKB Datasheet HTML 13Page - Texas Instruments SE555FKB Datasheet HTML 14Page - Texas Instruments SE555FKB Datasheet HTML 15Page - Texas Instruments SE555FKB Datasheet HTML 16Page - Texas Instruments SE555FKB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
THRES
GND
C
RA
RL
VCC (5 V to 15 V)
Output
DISCH
OUT
VCC
RESET
TRIG
CONT
Modulation
Input
(see Note A)
Clock
Input
NOTE A: The modulating signal can be direct or capacitively coupled
to CONT. For direct coupling, the effects of modulation source
voltage and impedance on the bias of the timer should be
considered.
4
8
3
7
6
2
5
Pin numbers shown are for the D, JG, P, PS, and PW packages.
1
Time − 0.5 ms/div
Capacitor Voltage
Output Voltage
Clock Input Voltage
RA = 3 kΩ
C = 0.02
µF
RL = 1 kΩ
See Figure 18
Modulation Input Voltage
NA555, NE555, SA555, SE555
www.ti.com
SLFS022H – SEPTEMBER 1973 – REVISED JUNE 2010
Pulse-Width Modulation
The operation of the timer can be modified by modulating the internal threshold and trigger voltages, which is
accomplished by applying an external voltage (or current) to CONT. Figure 18 shows a circuit for pulse-width
modulation. A continuous input pulse train triggers the monostable circuit, and a control signal modulates the
threshold voltage. Figure 19 shows the resulting output pulse-width modulation. While a sine-wave modulation
signal is shown, any wave shape could be used.
Figure 18. Circuit for Pulse-Width Modulation
Figure 19. Pulse-Width-Modulation Waveforms
Copyright © 1973–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): NA555 NE555 SA555 SE555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com