Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6502VCABDG6F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM6502VCABDG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502VCABDG6F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM6502VCABDG6F Datasheet HTML 12Page - STMicroelectronics STM6502VCABDG6F Datasheet HTML 13Page - STMicroelectronics STM6502VCABDG6F Datasheet HTML 14Page - STMicroelectronics STM6502VCABDG6F Datasheet HTML 15Page - STMicroelectronics STM6502VCABDG6F Datasheet HTML 16Page - STMicroelectronics STM6502VCABDG6F Datasheet HTML 17Page - STMicroelectronics STM6502VCABDG6F Datasheet HTML 18Page - STMicroelectronics STM6502VCABDG6F Datasheet HTML 19Page - STMicroelectronics STM6502VCABDG6F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
DC and AC parameters
STM6502, STM6503, STM6504, STM6505
16/29
Doc ID 16101 Rev 5
4
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 5: Operating and measurement conditions. Designers should check that the operating
conditions in their circuit match the operating conditions when relying on the quoted
parameters.
Figure 14.
AC testing input/output waveforms
Table 5.
Operating and measurement conditions
Parameter
Value
Unit
VCC supply voltage
1.0 to 5.5
V
Ambient operating temperature (TA)
–40 to +85
°C
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2 to 0.8 VCC
V
Input and output timing ref. voltages
0.3 to 0.7 VCC
V
0.8 VCC
0.2 VCC
0.7 VCC
0.3 VCC
AM00478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com