| Electronic Components Datasheet Search |
|
LMV393DMR2G Datasheet(PDF) 12 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LMV393DMR2G Datasheet(HTML) 12 Page - ON Semiconductor |
|
12 / 21 page ![]() LMV331, LMV393, LMV339 http://onsemi.com 12 VO HIGH +VCC R3 VT1 R1 R2 Figure 22. VO LOW +VCC R3 VT2 R1 R2 Figure 23. Non−inverting Configuration with Hysteresis A non−inverting comparator is shown in Figure 24. Figure 24. +VCC VREF + − R2 VIN R1 VA RPULL−UP VO RLOAD The hysteresis band (Figure 25) of the non−inverting configuration is defined as follows: DVin + VCCR1 R2 VIN1 VIN2 VIN VO VCC 0 Figure 25. When VIN is much less than the voltage at the inverting input (VREF), then the output is low. R2 can then be viewed as being connected to ground (Figure 26). To calculate the voltage required at VIN to trip the comparator high, the following equation is used: Vin1 + Vref (R1 ) R2) R2 When the output is high, VIN must less than or equal to VREF (VIN ≤ VREF) before the output will be low again (Figure 27). The following equation is used to calculate the voltage at VIN to switch the output back to the low state: Vin2 + Vref (R1 ) R2) * VCCR1 R2 R2 R1 VA = VREF VIN2 VO HIGH +VCC Figure 26. R1 R2 VA = VREF VO LOW VIN1 Figure 27. Termination of Unused Inputs Proper termination of unused inputs is a good practice to keep the output from ‘chattering.’ For example, if one channel of a dual or quad package is not being used, then the inputs must be connected to a defined state. The recommended connections would be to tie one input to VCC and the other input to ground. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |