Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6502 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM6502
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502 Datasheet(HTML) 4 Page - STMicroelectronics

  STM6502 Datasheet HTML 1Page - STMicroelectronics STM6502 Datasheet HTML 2Page - STMicroelectronics STM6502 Datasheet HTML 3Page - STMicroelectronics STM6502 Datasheet HTML 4Page - STMicroelectronics STM6502 Datasheet HTML 5Page - STMicroelectronics STM6502 Datasheet HTML 6Page - STMicroelectronics STM6502 Datasheet HTML 7Page - STMicroelectronics STM6502 Datasheet HTML 8Page - STMicroelectronics STM6502 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
STM6502, STM6503, STM6504, STM6505
List of figures
Doc ID 16101 Rev 5
4/29
List of figures
Figure 1.
Logic diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Pin connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Block diagram - STM6502, STM6503, STM6504 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Block diagram - STM6505 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
Single-button Smart Reset typical hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
Dual-button Smart Reset typical hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
STM6502, STM6503 timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
STM6504 timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
STM6505 timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
Supply current (ICC) vs. temperature (STM6505) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 11.
Smart Reset delay (tSRC) vs. temperature, CSRC = 0.62 µF (STM6505) . . . . . . . . . . . . . . 13
Figure 12.
Reset threshold (VRST) vs. temperature, “S” threshold option, VCC falling (STM6505) . . . 14
Figure 13.
VBAT monitoring threshold (VBATTH) vs. temperature, falling (STM6505) . . . . . . . . . . . . . . 14
Figure 14.
AC testing input/output waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 15.
TDFN – 8-lead 2 x 2 x 0.75 mm, 0.5 mm pitch package outline . . . . . . . . . . . . . . . . . . . . . 21
Figure 16.
Landing pattern - TDFN – 8-lead 2 x 2 mm without thermal pad . . . . . . . . . . . . . . . . . . . . 22
Figure 17.
Carrier tape . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 18.
Reel dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 19.
Tape trailer/leader. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 20.
Pin 1 orientation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 21.
Package marking, top view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com