| Electronic Components Datasheet Search |
|
M24C04-RCT6TP/S Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C04-RCT6TP/S Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 39 page ![]() Device operation M24C16, M24C08, M24C04, M24C02, M24C01 16/39 Doc ID 5067 Rev 16 Figure 10. Read mode sequences 1. The seven most significant bits of the device select code of a Random Read (in the 1st and 3rd bytes) must be identical. 3.7 Read operations Read operations are performed independently of the state of the Write Control (WC) signal. The device has an internal address counter which is incremented each time a byte is read. 3.7.1 Random Address Read A dummy Write is first performed to load the address into this address counter (as shown in Figure 10) but without sending a Stop condition. Then, the bus master sends another Start condition, and repeats the device select code, with the Read/Write bit (RW) set to 1. The device acknowledges this, and outputs the contents of the addressed byte. The bus master must not acknowledge the byte, and terminates the transfer with a Stop condition. Dev select * Byte address Dev select Data out 1 AI01942b Data out N Current Address Read Dev select Data out Random Address Read Dev select * Data out Sequentila Current Read Data out N Dev select * Byte address Sequential Random Read Dev select * Data out 1 ACK R/W NO ACK ACK R/W ACK ACK R/W ACK ACK ACK NO ACK R/W NO ACK ACK ACK R/W ACK ACK R/W ACK NO ACK |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |