Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C16-RCT6TP/S Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24C16-RCT6TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-RCT6TP/S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24C16-RCT6TP/S Datasheet HTML 9Page - STMicroelectronics M24C16-RCT6TP/S Datasheet HTML 10Page - STMicroelectronics M24C16-RCT6TP/S Datasheet HTML 11Page - STMicroelectronics M24C16-RCT6TP/S Datasheet HTML 12Page - STMicroelectronics M24C16-RCT6TP/S Datasheet HTML 13Page - STMicroelectronics M24C16-RCT6TP/S Datasheet HTML 14Page - STMicroelectronics M24C16-RCT6TP/S Datasheet HTML 15Page - STMicroelectronics M24C16-RCT6TP/S Datasheet HTML 16Page - STMicroelectronics M24C16-RCT6TP/S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Device operation
Doc ID 5067 Rev 16
13/39
Figure 7.
Write mode sequences with WC = 1 (data write inhibited)
3.6
Write operations
Following a Start condition the bus master sends a device select code with the Read/Write
bit (RW) reset to 0. The device acknowledges this, as shown in Figure 8, and waits for an
address byte. The device responds to the address byte with an acknowledge bit, and then
waits for the data byte.
When the bus master generates a Stop condition immediately after a data byte’s Ack bit (in
the “10th bit” time slot), either at the end of a Byte Write or a Page Write, the internal write
cycle is triggered. A Stop condition at any other time slot does not trigger the internal write
cycle.
During the internal Write cycle, Serial Data (SDA) and Serial Clock (SCL) are ignored, and
the device does not respond to any requests.
3.6.1
Byte Write
After the device select code and the address byte, the bus master sends one data byte. If
the addressed location is Write-protected, by Write Control (WC) being driven High (during
the period from the Start condition until the end of the address byte), the device replies to
the data byte with NoAck, as shown in Figure 7, and the location is not modified. If, instead,
Byte Write
Dev select
Byte address
Data in
WC
Page Write
Dev select
Byte address
Data in 1
Data in 2
WC
Data in 3
AI02803d
Page Write
(cont'd)
WC (cont'd)
Data in N
ACK
ACK
NO ACK
R/W
ACK
ACK
NO ACK
NO ACK
R/W
NO ACK
NO ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com