Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7481ARMZ-R7 Datasheet(PDF) 14 Page - ON Semiconductor

Part # ADT7481ARMZ-R7
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7481ARMZ-R7 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button ADT7481ARMZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADT7481
http://onsemi.com
14
a stop condition. In read mode, the master device will
override the acknowledge bit by pulling the data line high
during the low period before the ninth clock pulse. This is
known as no acknowledge. The master will then take the
data line low during the low period before the tenth clock
pulse, then high during the tenth clock pulse to assert a stop
condition.
Any number of bytes of data may be transferred over the
serial bus in one operation, but it is not possible to mix read
and write in one operation because the type of operation is
determined at the beginning and cannot subsequently be
changed without starting a new operation. In the case of the
ADT7481, write operations contain either one or two bytes,
while read operations contain one byte.
To write data to one of the device data registers or to read
data from it, the address pointer register must be set so that
the correct data register is addressed. The first byte of a write
operation always contains a valid address that is stored in the
address pointer register. If data is to be written to the device,
the write operation contains a second data byte that is written
to the register selected by the address pointer register.
This procedure is illustrated in Figure 15. The device
address is sent over the bus followed by R/W set to 0 and
followed by two data bytes. The first data byte is the address
of the internal data register to be written to, which is stored
in the address pointer register. The second data byte is the
data to be written to the internal data register.
Figure 15. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
D7
D6
D5
D4
D3
D2
D1
D0
FRAME 3
DATA
BYTE
ACK. BY
ADT7481
STOP BY
MASTER
SDA (CONTINUED)
SCL (CONTINUED)
FRAME 1 DATA
SERIAL BUS ADDRESS BYTE
ACK. BY
ADT7481
SDA
SCL
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
00
1
1
0
1
R/W
ACK. BY
ADT7481
1
1
9
9
1
9
Figure 16. Writing to the Address Pointer Register Only
FRAME 1 DATA
SERIAL BUS ADDRESS BYTE
ACK. BY
ADT7481
SDA
SCL
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
0
011
0
1
R/W
ACK. BY
ADT7481
1
1
9
9
STOP BY
MASTER
Figure 17. Reading from a Previously Selected Register
FRAME 1 DATA
SERIAL BUS ADDRESS BYTE
ACK. BY
ADT7481
SDA
SCL
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
1
1
0
1
R/W
ACK. BY
ADT7481
1
1
9
9
STOP BY
MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com