Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7467ARQZ-R7 Datasheet(PDF) 39 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
ADT7467
Rev. 3 | Page 39 of 77 | www.onsemi.com
Recommended Implementation
Configuring the ADT7467 as shown in Figure 54 provides the
system designer with the following features:
•
Two PWM outputs for control of up to three fans. (The
front and rear chassis fans are connected in parallel.)
•
Three TACH fan speed measurement inputs.
•
VCC measured internally through Pin 3.
•
CPU core voltage measurement (VCORE).
•
CPU temperature measured using the Remote 1 tempera-
ture channel.
•
Ambient temperature measured through the Remote 2
temperature channel.
•
The bidirectional THERM pin allows monitoring
PROCHOT output from, for example, an Intel Pentium 4
processor, or it can be used as an overtemperature THERM
output.
•
SMBALERT system interrupt output.
CPU FAN
CPU
FRONT
CHASSIS
FAN
TACH2
ADT7467
PWM3
REAR
CHASSIS
FAN
AMBIENT
TEMPERATURE
TACH3
D1+
D1–
VCCP
GND
PWM1
TACH1
D2+
D2–
THERM
PROCHOT
ICH
SMBALERT
SDA
SCL
Figure 54. Recommended Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com