Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WR5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WR5
Description  High Power Metal Oxide Leaded Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WR5 Datasheet(HTML) 2 Page - Vishay Siliconix

  WR5 Datasheet HTML 1Page - Vishay Siliconix WR5 Datasheet HTML 2Page - Vishay Siliconix WR5 Datasheet HTML 3Page - Vishay Siliconix WR5 Datasheet HTML 4Page - Vishay Siliconix WR5 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 20128
177
Revision: 26-May-10
WK/WR
High Power Metal Oxide Leaded Resistors
Vishay Draloric
Notes
(1) Please refer to table PACKAGING
• The PART NUMBER shown above is to facilitate the unified part numbering system for ordering products
PART NUMBER AND PRODUCT DESCRIPTION WK2-SERIES
PART NUMBER: WK202070C1001FD500
MODEL/SIZE
VARIANT
TCR
VALUE
TOLERANCE
PACKAGING (1)
SPECIAL
WK20207
0 = Neutral
C = ± 50 ppm/K
B = ± 100 ppm/K
A = ± 200 ppm/K
3 digit value
1 digit multiplier
MULTIPLIER
F = ± 1 %
G = ± 2 %
J = ± 5 %
22 = A2
25 = A5
D5 = R5
Up to 2 digits
00 = Standard
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
6 = *106
PRODUCT DESCRIPTION: WK2 50 1K0 1 % R5
WK2
50
1K0
1 %
R5
MODEL
TCR
RESISTANCE VALUE
TOLERANCE
PACKAGING (1)
WK2
± 50 ppm/K
± 100 ppm/K
± 200 ppm/K
49K9 = 49.9 k
Ω
50R1 = 50.1
Ω
1K0 = 1.0 k
Ω
± 1 %
± 2 %
± 5 %
A2
A5
R5
PART NUMBER AND PRODUCT DESCRIPTION WK8-SERIES
PART NUMBER: WK80922001000J5C00
MODEL/SIZE
VARIANT
TCR
VALUE
TOLERANCE
PACKAGING (1)
SPECIAL
WK80922
0 = Neutral
0 = Standard
3 digit value
1 digit multiplier
MULTIPLIER
G = ± 2 %
J = ± 5 %
5C = AC
G1 = R1
Up to 2 digits
00 = Standard
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
PRODUCT DESCRIPTION: WK8 100R 5 % AC
WK8
100R
5 %
AC
MODEL
TCR
TOLERANCE
PACKAGING (1)
WK8
100R = 100
Ω
47K = 47 k
Ω
± 2 %
± 5 %
AC
R1
PART NUMBER AND PRODUCT DESCRIPTION WR-SERIES
PART NUMBER: WR404140A1001GFE00
MODEL/SIZE
VARIANT
TCR
VALUE
TOLERANCE
PACKAGING (1)
SPECIAL
WR40414
WR50617
0 = Neutral
A = ± 200 ppm/K
3 digit value
1 digit multiplier
MULTIPLIER
G = ± 2 %
J = ± 5 %
41 = A1 G73
51 = A1 G77
FE = RE G73
GP = RP
Up to 2 digits
00 = Standard
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
6 = *106
PRODUCT DESCRIPTION: WR4 1K0 2 % RE
WR4
1K0
2 %
RE
MODEL
RESISTANCE VALUE
TOLERANCE
PACKAGING (1)
WR4
WR5
1K0 = 1.0 k
Ω
51R0 = 51.0
Ω
± 2 %
± 5 %
A1 (G73)
A1 (G77)
RE (G73)
RP
02
10
1
F
D
0
K2
50
W
70
0
0
C
09
10
0
J
5
0
K8
C0
W
20
2
0
0
04
10
1
G
F
0
R4
E0
W
40
1
0
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com