Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOP201 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TOP201
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP201 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TOP201 Datasheet HTML 4Page - Power Integrations, Inc. TOP201 Datasheet HTML 5Page - Power Integrations, Inc. TOP201 Datasheet HTML 6Page - Power Integrations, Inc. TOP201 Datasheet HTML 7Page - Power Integrations, Inc. TOP201 Datasheet HTML 8Page - Power Integrations, Inc. TOP201 Datasheet HTML 9Page - Power Integrations, Inc. TOP201 Datasheet HTML 10Page - Power Integrations, Inc. TOP201 Datasheet HTML 11Page - Power Integrations, Inc. TOP201 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TOP200-4/14
D
7/96
8
Figure 10. Schematic Diagram of a 65 W 230 VAC Input Boost Power Factor Correction Circuit Utilizing the TOP202.
Figure 9. Schematic Diagram of a 30 W Universal Input Power Supply Utilizing the TOP204 and Accurate Optocoupler Feedback.
PI-1696-112895
15 V
RTN
BR1
400 V
C1
47
µF
400 V
C5
47
µF
C4
0.1
µF
U1
TOP204YAI
R3
6.2
Ω
R2
200
Ω
1/2 W
D2
MUR610CT
D3
1N4148
C2
1000
µF
35 V
T1
D1
BYV26C
C7
1 nF
Y1
DRAIN
SOURCE
CONTROL
C3
120
µF
25 V
U2
NEC2501
U3
TL431
R4
49.9 k
Ω
R5
10 k
Ω
C9
0.1
µF
R1
510
Ω
VR1
P6KE200
L1
3.3
µH
F1
3.15 A
J1
C6
0.1
µF
L2
33 mH
L
N
CIRCUIT PERFORMANCE:
Line Regulation - ±0.2%
(85-265 VAC)
Load Regulation - ±0.2%
(10-100%)
Ripple Voltage ±150 mV
Meets CISPR-22 Class B
ST204A REFERENCE DESIGN BOARD
PI-1750-012296
Vo
RTN
D1
MUR460
BR1
400 V
R1
200 k
Ω
R2
200
Ω
R10
6.8 k
Ω
R3
3 k
Ω
VR1
IN5386B
VR2
IN5386B
D2
1N4935
C1
220 nF
400 V
C4
47
µF
C2
4.7
µF
C3
220
µF
L1
500
µH
EMI
FILTER
AC
IN
U1
TOP202YAI
DRAIN
SOURCE
CONTROL
TYPICAL PERFORMANCE:
Power Factor = 0.98
THD = 8%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com