Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1766IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LT1766IGN
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1766IGN Datasheet HTML 9Page - Linear Technology LT1766IGN Datasheet HTML 10Page - Linear Technology LT1766IGN Datasheet HTML 11Page - Linear Technology LT1766IGN Datasheet HTML 12Page - Linear Technology LT1766IGN Datasheet HTML 13Page - Linear Technology LT1766IGN Datasheet HTML 14Page - Linear Technology LT1766IGN Datasheet HTML 15Page - Linear Technology LT1766IGN Datasheet HTML 16Page - Linear Technology LT1766IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LT1766/LT1766-5
13
1766fc
APPLICATIONS INFORMATION
the high side for discontinuous mode, so it can be used
for all conditions.
II
I
I
VV
V
Vf L
PEAK
OUT
LP P
OUT
OUT
IN
OUT
IN
=+
=+ ()(
)
()( )( )()
()
–
-
2
2
EMI
Decide if the design can tolerate an open core geometry like
a rod or barrel, which have high magnetic field radiation,
or whether it needs a closed core like a toroid to prevent
EMI problems. This is a tough decision because the rods
or barrels are temptingly cheap and small and there are
no helpful guidelines to calculate when the magnetic field
radiation will be a problem.
Additional Considerations
After making an initial choice, consider additional factors
such as core losses and second sourcing, etc. Use the
experts in Linear Technology’s Applications department
if you feel uncertain about the final choice. They have
experience with a wide range of inductor types and can tell
you about the latest developments in low profile, surface
mounting, etc.
Maximum Output Load Current
Maximum load current for a buck converter is limited
by the maximum switch current rating (IP). The current
rating for the LT1766 is 1.5A. Unlike most current mode
converters, the LT1766 maximum switch current limit
does not fall off at high duty cycles. Most current mode
converters suffer a drop off of peak switch current for
duty cycles above 50%. This is due to the effects of slope
compensation required to prevent subharmonic oscilla-
tions in current mode converters. (For detailed analysis,
see Application Note 19.)
The LT1766 is able to maintain peak switch current limit
over the full duty cycle range by using patented circuitry*
to cancel the effects of slope compensation on peak switch
current without affecting the frequency compensation it
provides.
Maximum load current would be equal to maximum switch
current
for an infinitely large inductor, but with finite
inductor size, maximum load current is reduced by one-
half peak-to-peak inductor current (ILP-P). The following
formula assumes continuous mode operation, implying
that the term on the right is less than one-half of IP.
IOUT(MAX) =
Continuous Mode
I–
I
2
= I
P
LP-P
P
−
+
() −
()
()( )( )
VV
V
V
V
Lf V
OUT
F
IN
OUT
F
IN
–
2
For VOUT = 5V, VIN = 8V, VF(D1) = 0.63V, f = 200kHz and
L = 20μH:
I
A
OUT MAX
()
−
=−
+
() −
()
()(
)()
=−
=
15
5 0 63 8 5 0 63
2 20 10
200 10
8
15
0 21 1 29
63
.
.– .
••
..
.
Note that there is less load current available at the higher
input voltage because inductor ripple current increases.
At VIN = 15V, duty cycle is 33% and for the same set of
conditions:
I
A
OUT MAX
()
.
.– .
••
..
.
=−
+
() −
()
()(
)()
=−
=
−
15
5 0 63 15 5 0 63
2 20 10
200 10
15
15 044
1 06
63
To calculate actual peak switch current with a given set
of conditions, use:
II
I
VV V
V
V
Lf V
SW PEAK
OUT
P
OUT
OUT
F
IN
OUT
F
IN
() =+
=+
+−
()
()( )( )
I
2
L-P
()
–
2
Reduced Inductor Value and Discontinuous Mode
If the smallest inductor value is of most importance to a
converter design, in order to reduce inductor size/cost,
discontinuous mode may yield the smallest inductor solu-
tion. The maximum output load current in discontinuous
mode, however, must be calculated and is defined later
in this section.
*Patent # 6, 498, 466



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com