Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA32AX-E/MC Datasheet(PDF) 35 Page - Microchip Technology

Part # 24AA32AX-E/MC
Description  32K I2C??Serial EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA32AX-E/MC Datasheet(HTML) 35 Page - Microchip Technology

Back Button 24AA32AX-E/MC Datasheet HTML 31Page - Microchip Technology 24AA32AX-E/MC Datasheet HTML 32Page - Microchip Technology 24AA32AX-E/MC Datasheet HTML 33Page - Microchip Technology 24AA32AX-E/MC Datasheet HTML 34Page - Microchip Technology 24AA32AX-E/MC Datasheet HTML 35Page - Microchip Technology 24AA32AX-E/MC Datasheet HTML 36Page - Microchip Technology 24AA32AX-E/MC Datasheet HTML 37Page - Microchip Technology 24AA32AX-E/MC Datasheet HTML 38Page - Microchip Technology 24AA32AX-E/MC Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
 2010 Microchip Technology Inc.
DS21713L-page 35
24AA32A/24LC32A
APPENDIX A: REVISION HISTORY
Revision D
Corrections to Section 1.0, Electrical Characteristics.
Revision E
Added DFN package.
Revision F
Revised Sections 4.3, 7.2 and 7.4.
Revision G
Replaced 2x3 DFN (MC) Package
Revision H
Changed 1.8V to 1.7V; Revised Features Section;
Replaced
Package
Drawings;
Deleted
Rotated
TSSOP; Revised Product ID Section.
Revision J
Added TDFN and SOT-23 packages; Updated
Package Drawings; Moved Pin Descriptions to Section
2.0; Renumbered Sections.
Revision K (12/2009)
Added Chip Scale Package.
Revision L (03/2010)
Added X-Rotated TSSOP package; Updated Package
Drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com