Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFQ25DM6F Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM660OFQ25DM6F
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFQ25DM6F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM660OFQ25DM6F Datasheet HTML 15Page - STMicroelectronics STM660OFQ25DM6F Datasheet HTML 16Page - STMicroelectronics STM660OFQ25DM6F Datasheet HTML 17Page - STMicroelectronics STM660OFQ25DM6F Datasheet HTML 18Page - STMicroelectronics STM660OFQ25DM6F Datasheet HTML 19Page - STMicroelectronics STM660OFQ25DM6F Datasheet HTML 20Page - STMicroelectronics STM660OFQ25DM6F Datasheet HTML 21Page - STMicroelectronics STM660OFQ25DM6F Datasheet HTML 22Page - STMicroelectronics STM660OFQ25DM6F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
STM6600 - STM6601
Waveforms
Doc ID 15453 Rev 7
19/51
Figure 12.
Unsuccessful power-up on STM6601
1.
PB detection on falling edge.
2.
Internal pull-down resistor 300 k
Ω is connected to PSHOLD input during power-up.
3.
PSHOLD signal is ignored during tON_BLANK. When tON_BLANK expires, the level of the PSHOLD signal is not high therefore
the EN signal goes low. Even releasing the PB button after the tON_BLANK will not prevent this.
EN
(3)
(2)
t
ON_BLANK expires
PSHOLD state detected as low
EN deasserted
intenal pull-down resistor
connected to PS
HOLD input
t
DEBOUNCE
Push-button pressed and
PB connected to GND
Push-button pressed and
PB connected to GND
tREC
PB
(1)
RST
PSHOLD ignored
PSHOLD
AM00238v2
INT signal is held high during power-up (i.e. until tON_BLANK expires in the case of the STM6601).
VCC is considered VCC > VTH+.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com