Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFU54DM6F Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM660OFU54DM6F
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFU54DM6F Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM660OFU54DM6F Datasheet HTML 43Page - STMicroelectronics STM660OFU54DM6F Datasheet HTML 44Page - STMicroelectronics STM660OFU54DM6F Datasheet HTML 45Page - STMicroelectronics STM660OFU54DM6F Datasheet HTML 46Page - STMicroelectronics STM660OFU54DM6F Datasheet HTML 47Page - STMicroelectronics STM660OFU54DM6F Datasheet HTML 48Page - STMicroelectronics STM660OFU54DM6F Datasheet HTML 49Page - STMicroelectronics STM660OFU54DM6F Datasheet HTML 50Page - STMicroelectronics STM660OFU54DM6F Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
Product selector
STM6600 - STM6601
48/51
Doc ID 15453 Rev 7
10
Product selector
Table 10.
STM6600 product selector
Full part number
EN or
EN(1)
1.
EN (or EN) output is push-pull. RST, INT, PBOUT and VCCLO outputs are open drain.
After
long
push(2)
2.
After tSRD expires through long push, either device reset (RST) will be activated for tREC (240 ms min.) or the EN (or EN)
pin will be deasserted. The additional Smart Reset
™ delay time, t
SRD, can be adjusted by the user at 10 s/µF (typ.) by
connecting the external capacitor to the CSRD pin.
Internal
resistor
on SR
input
Power-on
lockout
voltage
VTH+ (V)
Forced
power-off
voltage
VTH- (V)
tON_BLANK
(s)
at startup
(min.)
tON_BLANK
(s)
at reset
(min.)
Top
marking(3)
3.
Where “p” = assembly plant, “y” = assembly year (0 to 9) and “ww” = assembly work week (01 to 52).
STM6600AS24DM6F
EN
RST
pull-up
3.40
3.20
5.6
5.6
pyww
AS24
STM6600ES24DM6F(4)
4.
Please contact local ST sales office for availability.
EN
RST
—
3.40
3.20
5.6
5.6
pyww
ES24
STM6600FQ24DM6F(4)
EN
RST
—
3.30
3.10
5.6
5.6
pyww
FQ24
STM6600GS22DM6F(4)
EN
EN
—
3.40
3.20
1.4
—
pyww
GS22
STM6600GS25DM6F(4)
EN
EN
—
3.40
3.20
11.2
—
pyww
GS25
STM6600GU22DM6F(4)
EN
EN
—
3.50
3.30
1.4
—
pyww
GU22
STM6600HA55DM6F(4)
EN
EN
—
2.50
2.00
11.2
—
pyww
HA55
STM6600HQ25DM6F(4)
EN
EN
—
3.30
3.10
11.2
—
pyww
HQ25
STM6600HU25DM6F(4)
EN
EN
—
3.50
3.30
11.2
—
pyww
HU25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com