Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9512 Datasheet(PDF) 7 Page - SMSC Corporation

Part # LAN9512
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9512 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button LAN9512 Datasheet HTML 3Page - SMSC Corporation LAN9512 Datasheet HTML 4Page - SMSC Corporation LAN9512 Datasheet HTML 5Page - SMSC Corporation LAN9512 Datasheet HTML 6Page - SMSC Corporation LAN9512 Datasheet HTML 7Page - SMSC Corporation LAN9512 Datasheet HTML 8Page - SMSC Corporation LAN9512 Datasheet HTML 9Page - SMSC Corporation LAN9512 Datasheet HTML 10Page - SMSC Corporation LAN9512 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9512/LAN9512i
7
Revision 1.0 (11-24-09)
DATASHEET
1.1.2
USB Hub
The integrated USB hub is fully compliant with the USB 2.0 Specification and will attach to a USB host
as a Full-Speed Hub or as a Full-/High-Speed Hub. The hub supports Low-Speed, Full-Speed, and
High-Speed (if operating as a High-Speed hub) downstream devices on all of the enabled downstream
ports.
A dedicated Transaction Translator (TT) is available for each downstream facing port. This architecture
ensures maximum USB throughput for each connected device when operating with mixed-speed
peripherals.
The hub works with an external USB power distributed switch device to control VBUS switching to
downstream ports, and to limit current and sense over-current conditions.
All required resistors on the USB ports are integrated into the hub. This includes all series termination
resistors on D+ and D- pins and all required pull-down and pull-up resistors on D+ and D- pins. The
over-current sense inputs for the downstream facing ports have internal pull-up resistors.
Two external ports are available for general USB device connectivity.
1.1.3
Ethernet Controller
The 10/100 Ethernet controller provides an integrated Ethernet MAC and PHY which are fully IEEE
802.3 10BASE-T and 802.3u 100BASE-TX compliant. The 10/100 Ethernet controller also supports
numerous power management wakeup features, including “Magic Packet”, “Wake on LAN” and “Link
Status Change”. These wakeup events can be programmed to initiate a USB remote wakeup.
The 10/100 Ethernet PHY integrates an IEEE 802.3 physical layer for twisted pair Ethernet
applications. The PHY block includes support for auto-negotiation, full or half-duplex configuration,
auto-polarity correction and Auto-MDIX. Minimal external components are required for the utilization of
the integrated PHY.
The Ethernet controller implements four USB endpoints: Control, Interrupt, Bulk-in, and Bulk-out. The
Bulk-in and Bulk-out Endpoints allow for Ethernet reception and transmission respectively.
Implementation of vendor-specific commands allows for efficient statistics gathering and access to the
Ethernet controller’s system control and status registers.
1.1.4
EEPROM Controller
The LAN9512/LAN9512i contains an EEPROM controller for connection to an external EEPROM. This
allows for the automatic loading of static configuration data upon power-on reset, pin reset, or software
reset. The EEPROM can be configured to load USB descriptors, USB device configuration, and the
MAC address.
1.1.5
Peripherals
The LAN9512/LAN9512i also contains a TAP controller, and provides three PHY LED indicators, as
well as eight general purpose I/O pins. All GPIOs can serve as remote wakeup events when
LAN9512/LAN9512i is in a suspended state.
The integrated IEEE 1149.1 compliant TAP controller provides boundary scan via JTAG.
1.1.6
Power Management
The LAN9512/LAN9512i features three variations of USB suspend: SUSPEND0, SUSPEND1, and
SUSPEND2. These modes allow the application to select the ideal balance of remote wakeup
functionality and power consumption.
SUSPEND0: Supports GPIO, “Wake On LAN”, and “Magic Packet” remote wakeup events. This
suspend state reduces power by stopping the clocks of the MAC and other internal modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com