Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQFP32 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LQFP32
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP32 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LQFP32 Datasheet HTML 3Page - STMicroelectronics LQFP32 Datasheet HTML 4Page - STMicroelectronics LQFP32 Datasheet HTML 5Page - STMicroelectronics LQFP32 Datasheet HTML 6Page - STMicroelectronics LQFP32 Datasheet HTML 7Page - STMicroelectronics LQFP32 Datasheet HTML 8Page - STMicroelectronics LQFP32 Datasheet HTML 9Page - STMicroelectronics LQFP32 Datasheet HTML 10Page - STMicroelectronics LQFP32 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
L99PD08
Pin definitions and functions
Doc ID 15872 Rev 3
7/41
2
Pin definitions and functions
Table 2.
Pin definition and function
Pin
Symbol
Function
1
CLK_IN0
PWM clock input 0
2
CLK_IN1
PWM clock input 1
3, 13
GND
Common ground
4
VDDIO
I/O and 3.3 V voltage regulator supply (3.3 V or 5 V)
5
FAULTN
Failure on HSD or communication error
6
SYNC
Output of OUT0-OUT7 signals, selected by control register
7
MUX_ST/CS
Output from ST/CS multiplexer
8
VCORE3
Core supply voltage (3.3 V only)
9
SCK
ST-SPI – serial clock input
10
SDI
ST-SPI – serial data input
11
SDO
ST-SPI – serial data output
12
CSN
ST-SPI – chip select input
14
EN
Enable pin
15
N.C.
Not connected
16
LHOMEN
Active mode pull-up supply – limp home
17
ST7/CS7
Input from HSD status / current sense pin
18
OUT7
Output to High side driver – channel 7
19
ST6/CS6
Input from HSD status / current Sense pin
20
OUT6
Output to high side driver – channel 6
21
ST5/CS5
Input from HSD status / current sense pin
22
OUT5
Output to high side driver – channel 5
23
ST4/CS4
Input from HSD status / current sense pin
24
OUT4
Output to high side driver – channel 4
25
ST3/CS3
Input from HSD status / current sense pin
26
OUT3
Output to high side driver – channel 3
27
ST2/CS2
Input from HSD status / current sense pin
28
OUT2
Output to high side driver – channel 2
29
ST1/CS1
Input from HSD status / current sense pin
30
OUT1
Output to high side driver – channel 1
31
ST0/CS0
Input from HSD status / current sense pin
32
OUT0
Output to high side driver – channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com