Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZJ27 Datasheet(PDF) 1 Page - Diotech Company.

Part # GDZJ27
Description  500mW EPITAXIAL ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

GDZJ27 Datasheet(HTML) 1 Page - Diotech Company.

  GDZJ27 Datasheet HTML 1Page - Diotech Company. GDZJ27 Datasheet HTML 2Page - Diotech Company. GDZJ27 Datasheet HTML 3Page - Diotech Company. GDZJ27 Datasheet HTML 4Page - Diotech Company. GDZJ27 Datasheet HTML 5Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GDZJ - SERIES
500mW EPITAXIAL ZENER DIODE
FEATURES
MECHANICAL DATA
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES)(TA=25℃)
Symbols
Value
Units
Zener current see table "Characteristics"
Power dissipation at TA=25℃
Ptot
mW
Junction temperature
TJ
Storage temperature range
TSTG
1)Valid provided that a distance of 8mm from case are kept at ambient temperature
ELECTRCAL CHARACTERISTICS(TA=25℃)
Symbols
Min
Typ
Max
Units
Thermal resistance junction to ambient
RthA
0.3
K
/ mW
Forward voltage at IF=100mA
VF
1.0
V
1) Valid provided that a distance at 8mm from case are kept at ambient temperature
500
175
-65 to +175
℃
℃
• Planar die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• High temperature soldering : 260°C /10 seconds at terminals
• Glass package has Underwriters Laboratory Flammability
Classification
• In compliance with EU RoHS 2002/95/EC directives
• Case: Molded Glass DO-35
• Terminals: Axial leads, solderable per MIL-STD-202G, Method 208
• Polarity: See Diagram Below
• Mounting position:Any
• Weight: 0.13 gram
All Dimensions in mm
DO-35


Similar Part No. - GDZJ27

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
GDZJ27 DAESAN-GDZJ27 Datasheet
402Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Pan Jit International I...
GDZJ27 PANJIT-GDZJ27 Datasheet
146Kb / 5P
AXIAL LEAD ZENER DIODES
GDZJ27A PANJIT-GDZJ27A Datasheet
92Kb / 4P
AXIAL LEAD ZENER DIODES
logo
Frontier Electronics.
GDZJ27A FRONTIER-GDZJ27A Datasheet
123Kb / 4P
500m WATT ZENER DIODE
logo
Shanghai Shunye Electro...
GDZJ27A SHUNYE-GDZJ27A Datasheet
273Kb / 5P
AXIAL LEAD ZENER DIODES
V2.22
More results

Similar Description - GDZJ27

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
34Kb / 2P
500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
TZX2V4 DIODES-TZX2V4 Datasheet
67Kb / 4P
500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Comchip Technology
1N5221B COMCHIP-1N5221B Datasheet
32Kb / 2P
500mw Epitaxial Zener Diode
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
500mW Zener Diode
logo
Diotech Company.
1N5221B DIOTECH-1N5221B Datasheet
965Kb / 3P
500mW EPITAXIAL ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
500mW ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
500mW EPITAXIAL ZENER DIODE
Rev 17
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
500mW EPITAXIAL ZENER DIODE
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
500mW ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com