Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS14FL Datasheet(PDF) 1 Page - Diotech Company.

Part # FS14FL
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

FS14FL Datasheet(HTML) 1 Page - Diotech Company.

  FS14FL Datasheet HTML 1Page - Diotech Company. FS14FL Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FS11FL THRU FS17FL
SURFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Characteristic
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Fast switching for high efficiency
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 3.0x3.0mm copper pad areas
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.4
30.0
1.15
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current at
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=55
IR
5.0
50.0
CJ
TJ,TSTG
50.0
9
-55 to +150
pF
Typical thermal resistance (NOTE 3)
/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
FS11FL FS12FL FS13FL FS14FL FS15FL FS16FL FS17FL
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
●
●
●
●
●
●
●
R JA
µA
C
C
C
C
Marking code
F1
F2
F3
F4
F5
F6
F7
Ttp 5
6
=
O
C
TA 45
=
O
C
O
C
TJ 45
=
0.5
1.0
MECHANICAL DATA
● Case: SOD-123FL, Molded Plastic
● Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
● Polarity: Cathode Band
● Weight: 0.017 grams
SOD-123FL
Dimensions in inches and (millimeters)
2.8 0.1
Cathode Band
Top View
3.7 0.2
0.6 0.25
0.7A
1.0A
1.30


Similar Part No. - FS14FL

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FS14FL DEC-FS14FL Datasheet
600Kb / 2P
Fast switching for high efficiency
More results

Similar Description - FS14FL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com