Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF10 Datasheet(PDF) 1 Page - Diotech Company.

Part # DF10
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

DF10 Datasheet(HTML) 1 Page - Diotech Company.

  DF10 Datasheet HTML 1Page - Diotech Company. DF10 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF005 THRU DF10
GLASS PASSIVATED BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
V
V
A
1.0
50
UNITS
Maximum Average Forward Output Current at TA = 40oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
V
A
DF01
DF02
50
200
400
100
600
800
1000
DC Blocking Voltage per element
VF
IR
1.1
500
Element at 1.0A DC
Maximum DC Forward Voltage Drop per Bridge
V
@TA = 25oC
@TA = 125oC
10.0
Maximum Reverse Current at rated
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 150
0
C
I2t Rating for Fusing (t<8.3ms)
I2t
10
A2Sec
Typical Junction Capacitance ( Note1)
CJ
25
pF
Typical Thermal Resistance (Note 2)
RθJ A
40
0C/W
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13x13mm) copper pads.
CHARACTERISTICS
DF-M
●
Plastic package used has Underwriters
Laboratory Flammability Classification 94V-0
●
Glass passivated chip junction
●
High surge overload rating of 50 Amperes peak
●
High temperature soldering guaranteed:
260°C/10 seconds, at 5 lbs. (2.3kg) tension
●
Case: Molded plastic body over passivated junctions
●
Terminals: Plated leads solderable per MIL-STD-750
Method 2026
●
Mounting Position: Any
●
Weight: 0.014 oz., 0.4 g
DF04
DF06
DF08
DF10
Dimensions in inches and (millimeters)
.335(8.5)
.307(7.8)
.244(6.2)
.256(6.5)
.031(0.8)
.023(0.6)
.311(7.9)
.350(8.9)
.323(8.2)
.315(8.0)
.089(2.2)
.102(2.6)
.079(2.0)
.059(1.5)
.197(5.0)
.205(5.2)
.022(0.55)
.018(0.45)
.193(4.9)
.165(4.2)
µA
DF005
1
2
3
4


Similar Part No. - DF10

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF10 WTE-DF10 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF10 SSE-DF10 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF10 CHENYI-DF10 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF10 GOOD-ARK-DF10 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF10 WTE-DF10 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DF10

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com