Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5902ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADL5902
Rev. 0 | Page 25 of 28
EVALUATION BOARD SCHEMATICS AND ARTWORK
TEMP
VPOS
C9
0.1µF
C8
OPEN
8
7
6
5
VSET
VOUT
VOUTP
C10
0.1µF
C6
OPEN
VPOSC
13
14
15
16
C5
100pF
VPOS2
R10
1.87k
R11
1k
C7
0.1µF
12
11
10
9
1
2
3
GND
4
C4
100pF
C12
0.1µF
C11
OPEN
C13
0.1µF
PADDLE
AGND
NC
INHI
INLO
NC
TEMP
VSET
VOUT
CLPF
ADL5902
DUT1
VPOS1
TC2_PWDN
VREF
R16
0
R5
0
R2
OPEN
R14
0
R8
0
R13
OPEN
R1
0
R6
0
R9
1430
R12
301
R3
60.4
IN
R7
0
R15
0
VREF
VTGT
GND
Figure 54. Evaluation Board Schematic
Table 8. Evaluation Board Configuration Options
Component
Function/Notes
Default Value
C6, C10, C11,
C12, R3
RF input. The ADL5902 is generally driven single-ended. When driving INHI, populate C10 and C12
with an appropriate capacitor value for the frequency of operation and leave C6 and C11 open.
When driving INLO, populate C6 and C11 with an appropriate capacitor value for the frequency of
operation and leave C10 and C12 open. R3 is the input termination resistor and is chosen to give a
50 Ω input impedance over a broad frequency range.
C6 = open,
C10 = C12 = 0.1 µF,
C11 = open,
R3 = 60.4 Ω
R7, R8, R10,
R11
VTGT interface. R10 and R11 are set up to provide 0.8 V to VTGT derived from VREF. If R10 and R11
are removed, an external voltage can be applied. Alternatively, R7 and R11 can be used to form a
voltage divider for an external reference.
R7 = R8 = 0 Ω,
R10 = 1.87 kΩ,
R11 = 1k Ω
C4, C5, C7,
C13, R14, R16
Power supply decoupling. The nominal supply decoupling consists of a 100 pF filter capacitor
placed close to the ADL5902, a 0 Ω series resistor, and a 0.1 μF capacitor placed close to the power
supply input pin.
C4 = C5 = 100 pF,
C7 = C13 = 0.1 µF,
R14 = R16 = 0 Ω
R1, R2, R6,
R13, R15
Output interface. In measurement mode, a portion of the voltage at the VOUT pin is fed back to
the VSET pin via R6. Using the voltage divider created by R2 and R6, the magnitude of the slope of
VOUT is increased by reducing the portion of VOUT that is fed back to VSET. In controller mode, R6
must be open and R13 must have a 0 Ω resistor. In this mode, the ADL5902 can control the gain of
an external component. A setpoint voltage is applied to the VSET pin, the value of which
corresponds to the desired RF input signal level applied to the ADL5902.
R1 = R6 = R15 = 0 Ω,
R2 = R13 = open
C8, C9, R5
Low-pass filter capacitors, CLPF. The low-pass filter capacitors reduce the noise on the output and
affect the response time of the ADL5902.
C8 = open,
C9 = 0.1 µF,
R5 = 0 Ω,
R9, R12
TADJ/PWDN. The TADJ/PWDN pin controls the amount of nonlinear intercept temperature
compensation and/or shuts down the device. The evaluation board is configured with TADJ
connected to VREF through a resistor divider (R9, R12).
R9 = 1430 Ω
R12 = 301 Ω
Paddle
The paddle should be tied to both a thermal ground and an electrical ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com