Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCRS0807-331M Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TCRS0807-331M
Description  TCRS Choke Coil Inductors Radial
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRS0807-331M Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TCRS0807-331M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRS0807-331M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRS0807-331M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRS0807-331M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04 of 04
Part Number: TCRS
How to Order
0606
TCRS
220
Inductance
Code
Inductance
220
22.00µH
101
100.00µH
102
1000.00µH
103
10000.00µH
M
Tolerance
Code
Tolerance
J
5%
K
10%
L
15%
M
20%
N
30%
Y
min
Code
Size
0606
6.5×6.5mm
0807
8.5×7.3mm
Size
Version 2010
TCRS Choke Coil Inductors Radial
Back to 1st Page - Choke Coil Inductors Radial (TCRS)
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com