Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCUT20183P Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20183P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20183P Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20183P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
Measurements of Fixed Inductors
Measurements of Fixed Inductors
Measurements of
Fixed Inductors
Inductance
The inductance is measured with a Q-meter, LCR meter or animpedance analyzer.
● Fixed inductors for signals: Use of a Q-meter in which the frequency is for direct readout of the
inductance or at the specified frequency.
● Inductors for high current power line circuits: 1kHz or 100kHz.
Q Factor
The unloaded Q is measured with a Q-meter, LCR meter orimpedance analyzer. The frequency of
measurement is that at which the inductance hasbeen measured or at a different frequency as specified.
However, forhigh current power line inductors, the resistance is measured andthe Q may be neglected.
DCR (DC Resistance), SRF (Self-Resonant Frequency)
DCR: A digital multimeter is used for measurement;
SRF: Measured with a Q-meter, impedance analyzer or network analyzer.
Dielectric Strength
For specimen coil, apply 100V DC for 5 seconds between the shielding case and terminals. There
should be no damage orabnormalities in the inductor.
Maximum Allowable Current
The maximum allowable current is a DC Current which causes initialinductance to decrease by 10%
or 30%. Or coil temperature to rise by 20°C or 40°C, whichever is smaller. (Reference ambient tem-
perature: 20°C)
06 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com