Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM455HTU Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LTM455HTU
Description  LTM 455/450 Ceramic Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LTM455HTU Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LTM455HTU Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LTM455HTU Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LTM455HTU Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Dimensions
Technical Characteristics
6.5
6.5
①
Input
③
②
①
②
Output
③④
Ground
0.7
0.8
1.8
2.4
① ②
③ ④
455EU
6.5
9.5
③④⑤ Ground
③
④
⑤
②
①
Input
②
Output
455EW
2.52.7 1.9
0.9
③ ④ ⑤
① ②
Frequency (KHz)
0
10
20
30
40
50
60
410
0
10
20
30
40
50
60
430
450 460
480
500
410
430
450 460
480
500
Frequency (KHz)
LTM455BW
LTM455EW
LTM455HW
LTM455BU
LTM455EU
LTM455HU
Part
Number
Center
Frequency
(kHz)
Insertion
Loss
(dB)
max
Pass
Band
Ripple
(dB)
max
6dB
Band
Width
(kHz)
min
40dB
Band
Width
(kHz)
max
LTM455 U
50dB
Band
Width
(kHz)
max
LTM455 W
Spurious
Attenuation
fo±100kHz
(dB) min
Input
/
Output
Impedance
(Ω)
(LTM
455 U)
(LTM
455 W)
LTM455AU LTM455AW 455±2.0
4
2
±17.5
±40
±35
28
40
1000
LTM455BU LTM455BW 455±2.0
4
2
±15
±30
±30
28
40
1500
LTM455CU LTM455CW 455±2.0
4
2
±12.5
±24
±24
28
40
1500
LTM455DU LTM455DW 455±1.5
4
2
±10
±20
±20
28
40
1500
LTM455EU LTM455EW 455±1.5
6
2
±7.5
±15
±15
28
40
1500
LTM455FU LTM455FW 455±1.5
6
2
±6
±12.5
±12.5
28
40
2000
LTM455GU LTM455GW 455±1.5
6
2
±4.5
±10
±10
28
40
2000
LTM455HU LTM455HW 455±1.0
6
2
±3
±9
±9
28
40
2000
LTM455IU LTM455IW 455±1.0
6
2
±2
±7.5
±7.5
28
40
2000
LT
M455HTU
LT
M455HTW 455±1.0
6
2
±3
±9
±9
35
60
2000
Note: Center frequency 450KHz is also available.
LTM 455/450 Ceramic Filters
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com