Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS05 Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # CS05
Description  CS Current Detecting Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CS05 Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  CS05 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CS05 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CS05 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CS05 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CS05 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CS05 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. CS05 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. CS05 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Except For CS12: High Power Rating Series Recommend Land Pattern
06 of 08
For CS12 High Power Rating Series Recommend Land Pattern
B
A
C
Codes
A
B
C
CS01
0.25
0.30
0.40±0.2
CS02
0.50
0.50
0.60±0.2
CS03
0.80
1.00
0.90±0.2
CS05
1.00
1.00
1.35±0.2
CS06
2.00
1.15
1.70±0.2
CS13
2.00
1.15
2.50±0.2
CS10
3.60
1.40
2.50±0.2
CS12
4.90
1.60
3.10±0.2
CS25
2.00
2.00
6.40±0.2
CS37
1.00
1.80
3.90±0.2
CS75
1.00
1.80
7.60±0.2
Codes
Resistance Range
A
B
C
CS12
10~99mΩ
4.90
1.60
3.10±0.2
CS12
100~1000mΩ
1.00
3.55
3.10±0.2
CS Current Detecting Chip Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com