Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC36-R22M Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # EC36-R22M
Description  CONFORMAL COATED INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

EC36-R22M Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  EC36-R22M Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD EC36-R22M Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD EC36-R22M Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD EC36-R22M Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD EC36-R22M Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
l FEATURE
特性
l DIMENSIONS(UNIT:mm)
l COLOR CODE FOR DISCRETE RESISTANCE
COLOR
1ST .FIGURE
2ND. FIGURE
MULTIPLIER
TOLERANCE(%)
Black
0
0
1
±20%
Brown
1
1
10
Red
2
2
100
Orange
3
3
1000
Yellow
4
4
Green
5
5
Blue
6
6
Purple
7
7
Gray
8
8
White
9
9
gold
0.1
±5%
silver
0.01
±10%
NOTE : EC MEANS EPOXY COATED AND TAPING WITH REEL(EC:色码电感)
TYPE
A
B
C
EC36
11.0MAX
0.65±0.05
4.0 MAX
EC24
8.0 MAX
0.55±0.05
3.0 MAX
EC22
4.0 MAX
0.50±0.05
2.8 MAX
ECXX SERIES
CONFORMAL COATED INDUCTORS
MECHANICALS
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
1
1. Conformal coated inductors .
2. Special magnetic core structure contributes to
high Q and Self-Resonant Frequencies .
3. Epoxy coated for better reliability.
4. Wide inductance range.
5. Ideal for auto insertion
1. 色碼電感結構堅固, 成本低廉, 適合自
動化生產.
2. 特殊鐵芯材質,高 Q 值及自共振頻率.
3. 外層用環氧樹脂處理, 可靠度高.
4. 電感範圍大
5. 可自動插件
TOLERANCE(%)
MULTIPLIER
1ND FIGURE
1ST FIGURE
There is no tolerance marked for
values below 0.1uH
電感值在 0.1uH 以下時,不標示容
許公差


Similar Part No. - EC36-R22M

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
EC36 ECM-EC36 Datasheet
101Kb / 6P
Epoxy Coated Axial Chokes
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
EC3600-30.000M ECLIPTEK-EC3600-30.000M Datasheet
208Kb / 3P
OSCILLATOR
EC3600-30.000MTR ECLIPTEK-EC3600-30.000MTR Datasheet
208Kb / 3P
OSCILLATOR
EC3600-30000M ECLIPTEK-EC3600-30000M Datasheet
208Kb / 3P
OSCILLATOR
More results

Similar Description - EC36-R22M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IR-2 VISHAY-IR-2 Datasheet
175Kb / 4P
Inductors Epoxy Conformal Coated Uniform Roll Coated
31-Jan-06
IRF-1 VISHAY-IRF-1 Datasheet
74Kb / 3P
Inductors Epoxy Conformal Coated Uniform Roll Coated
07-Aug-07
logo
Central Technologies
CTC0F CT-CTC0F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC1F CT-CTC1F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC2F CT-CTC2F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC3F CT-CTC3F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC4F CT-CTC4F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC5F CT-CTC5F Datasheet
213Kb / 1P
Conformal Coated Inductors - Axial
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com