Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C01PI Datasheet(PDF) 2 Page - Xicor Inc.

Part # X24C01PI
Description  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C01PI Datasheet(HTML) 2 Page - Xicor Inc.

  X24C01PI Datasheet HTML 1Page - Xicor Inc. X24C01PI Datasheet HTML 2Page - Xicor Inc. X24C01PI Datasheet HTML 3Page - Xicor Inc. X24C01PI Datasheet HTML 4Page - Xicor Inc. X24C01PI Datasheet HTML 5Page - Xicor Inc. X24C01PI Datasheet HTML 6Page - Xicor Inc. X24C01PI Datasheet HTML 7Page - Xicor Inc. X24C01PI Datasheet HTML 8Page - Xicor Inc. X24C01PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
X24C01
NC
NC
NC
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
X24C01
PLASTIC
PIN CONFIGURATION
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and
out of the device. It is an open drain output and may be
wire-ORed with any number of open drain or open
collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the Guide-
lines for Calculating Typical Values of Bus Pull-Up
Resistors graph.
PIN NAMES
Symbol
Description
NC
No Connect
VSS
Ground
VCC
Supply Voltage
SDA
Serial Data
SCL
Serial Clock
3837 PGM T01
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10 ns
Input and Output
Timing Levels
VCC x 0.5
3837 PGM T02
3837 FHD F02
3837 FHD F03
EQUIVALENT A.C. LOAD CIRCUIT
3837 FHD F16
2190
Ω
100pF
OUTPUT
5V
DIP
NC
NC
NC
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
X24C01
SOIC/MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com