Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G43EB100M Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # G43EB100M
Description  4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G43EB100M Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  G43EB100M Datasheet HTML 1Page - TOCOSAMERICA, INC. G43EB100M Datasheet HTML 2Page - TOCOSAMERICA, INC. G43EB100M Datasheet HTML 3Page - TOCOSAMERICA, INC. G43EB100M Datasheet HTML 4Page - TOCOSAMERICA, INC. G43EB100M Datasheet HTML 5Page - TOCOSAMERICA, INC. G43EB100M Datasheet HTML 6Page - TOCOSAMERICA, INC. G43EB100M Datasheet HTML 7Page - TOCOSAMERICA, INC. G43EB100M Datasheet HTML 8Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
2/8
Standard and Reverse Markings
Dimensions
G43A J-Hook, Top Adjust
G43D Reverse Markings, J-Hook, Top Adjust
Unit: mm
G43SA J-Hook, Side Adjust
G43 Series
The D and E models are the same construction as the A and B models. The only difference is the reversed outside markings.
All A, B, D & E Models
Position of Rotor Inside
Standard Markings
Outside Positions
Position of the rotor inside is the
same for both types of markings.
G43A & G43B
G43D & G43E
Reverse Markings
Outside Positions
2.7
0.3
5.2
0.3
2.5
0.3,
0
TOCOS
503
53
4.5
0.3
5.0 0.3
2.3 0.3
#1
#3
#2
0.6 0.15
(t= 0.18)
1.2
0.15
(0.35)
(0.35)
(2) 0.8
0.15
2.7
0.3
5.2
0.3
2.5
0.3,
0
4.5
0.3
5.0 0.3
2.3 0.3
#1
#3
#2
0.6 0.15
(t= 0.18)
1.2
0.15
(0.35)
(0.35)
(2) 0.8
0.15
(1.85)
(1.5)
(1.1)
(0.8)
(0.55)
(0.22)
4.5
0.3
5.5
0.3
3.0
0.77
0.3,
0.1
2.5 0.3
(1.95)
5.0 0.3
3.4
0.3,
0.1
2.45 0.3
0.8 0.15
#1
#3
#2
3.18
0.3
(0.05)
(2) 0.6
0.15
TOCOS
503
53
#1
#3
#2
#1
#3
#2
#1
#3
#2
Effective Date April 2005
All G43 models:
Cross-Slot accepts
both Philips and
single blade
adjustment tools.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com