Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA64 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # P4SMA64
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P4SMA64 Datasheet(HTML) 1 Page - Won-Top Electronics

  P4SMA64 Datasheet HTML 1Page - Won-Top Electronics P4SMA64 Datasheet HTML 2Page - Won-Top Electronics P4SMA64 Datasheet HTML 3Page - Won-Top Electronics P4SMA64 Datasheet HTML 4Page - Won-Top Electronics P4SMA64 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P4SMAJ SERIES
1 of 5
© 2002 Won-Top Electronics
P4SMAJ SERIES
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Features
!
Glass Passivated Die Construction
!
400W Peak Pulse Power Dissipation
B
!
5.0V – 170V Standoff Voltage
!
Uni- and Bi-Directional Versions Available
D
!
Excellent Clamping Capability
A
!
Fast Response Time
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
E
Mechanical Data
!
Case: JEDEC DO-214AC Low Profile Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking:
Unidirectional – Device Code and Cathode Band
Bidirectional – Device Code Only
!
Weight: 0.064 grams (approx.)
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
400 Minimum
W
Peak Forward Surge Current (Note 3)
IFSM
40
A
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 4
IPPM
See Table 1
A
Steady State Power Dissipation (Note 4)
PM(AV)
1.0
W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Non-repetitive current pulse, per Figure 4 and derated above TA = 25°C per Figure 1.
2. Mounted on 5.0mm2 copper pads to each terminal.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C = TL .
5. Peak pulse power waveform is 10/1000µS.
WT E
PO W E R SEM IC O ND UC TO R S
SMA/DO-214AC
Dim
Min
Max
A
2.50
2.90
B
4.00
4.60
C
1.40
1.60
D
0.152
0.305
E
4.80
5.28
F
2.00
2.44
G
0.051
0.203
H
0.76
1.52
All Dimensions in mm


Similar Part No. - P4SMA64

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P4SMA64A CENTRAL-P4SMA64A Datasheet
944Kb / 3P
SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
More results

Similar Description - P4SMA64

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SMAJ5.0A WEITRON-SMAJ5.0A Datasheet
98Kb / 4P
400W Surface Mount Transient Voltage Suppressors
logo
Zibo Seno Electronic En...
P4KE ZSELEC-P4KE Datasheet
261Kb / 4P
400W TRANSIENT VOLTAGE SUPPRESSORS
logo
E-CMOS Corporation
SMAXX E-CMOS-SMAXX Datasheet
224Kb / 5P
400W Surface Mount Transient Voltage Suppressors- 5.0V- 440V
logo
HuaXinAn Electronics CO...
P4KE6.8CA HUAXINAN-P4KE6.8CA Datasheet
428Kb / 5P
400W Transient Voltage Suppressors
P4SMA6.8CA HUAXINAN-P4SMA6.8CA Datasheet
447Kb / 5P
400W Transient Voltage Suppressors
P4SMFT3.3CA HUAXINAN-P4SMFT3.3CA Datasheet
424Kb / 5P
400W Transient Voltage Suppressors
SMAJ5.0CA HUAXINAN-SMAJ5.0CA Datasheet
469Kb / 6P
400W Transient Voltage Suppressors
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMAJ-AT UNSEMI-SMAJ-AT Datasheet
3Mb / 7P
400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMAJ3V3A UNSEMI-SMAJ3V3A Datasheet
2Mb / 4P
400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com