Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM9708 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9708 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9708 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
WM9708
AC’97 Revision 2.1 Audio Codec
Advanced Information, April 2001, Rev 2.0
WOLFSON MICROELECTRONICS LTD
Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.com
Advanced Information data sheets contain
preliminary data on new products in the
preproduction phase of development.
Supplementary data will be published at a
later date.
2001 Wolfson Microelectronics Ltd
.
DESCRIPTION
WM9708 is a high-quality stereo audio codec compliant with
the AC’97 Revision 2.1 specification. It performs full duplex
18-bit codec functions and supports variable sample rates
from 8 to 48k samples/s and offers excellent quality with
high
SNR.
Additional
features
include
3D
sound
enhancement, line-level outputs, and hardware sample rate
conversion.
The WM9708 is fully operable on 3.3V or 5V or mixed
3.3/5V supplies, and is packaged in a 28-pin SSOP
package.
AC’97 FEATURES
18-bit stereo codec
S/N ratio > 95dB
Multiple stereo input mixer
Mono and stereo volume control
Power management features
Very low standby power
Variable rate audio (VRA) support
Analogue 3D stereo enhancement
Line level outputs
Supports Rev. 2.1 specified audio and modem sample
rates and filtering
PC-beep connection when device held reset
3.3V or 5V operation
28-pin SSOP package
BLOCK DIAGRAM
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
Σ
VOL/
MUTE
Σ
(26) MONOOUT
(25,56) LINEOUT
Σ
CD (13,15)
LINEIN (17,18)
PCBEEP (12)
MIC1 (16)
0dB/
20dB
(7) BITCLK
(10) SYNC
(9) SDATAIN
(6) SDATAOUT
OSC
(4) XTLIN
(5) XTLOUT
VOL/
MUTE
STEREO
DAC
SRC
Σ
VOL
STEREO
ADC
SRC
VOL/
MUTE
MUX
VOL/
MUTE
MUX
KEY:
MONO
STEREO
RECORD
MUX
AND
MUTE
SERIAL
I/F
VOL/
MUTE
(11) RESETB
WM9708


Similar Part No. - WM9708

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9701 WOLFSON-WM9701 Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9701ACFT/V WOLFSON-WM9701ACFT/V Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
WM9703CFT/V WOLFSON-WM9703CFT/V Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
More results

Similar Description - WM9708

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
WM9707 WOLFSON-WM9707 Datasheet
236Kb / 30P
AC97 Revision 2.1 Audio Codec with Spdif Output
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
AC97 AUDIO CODEC WITH SRC AND DIT
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
WM9707 WOLFSON-WM9707_06 Datasheet
333Kb / 35P
AC 97 Revision 2.1 Audio CODEC with SPDIF Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com