| Electronic Components Datasheet Search |
|
WM8721 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8721 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc |
|
16 / 34 page ![]() WM8721 Product Preview WOLFSON MICROELECTRONICS LTD PP Rev 1.3 November 2000 16 The digital audio interface receives the digital audio data for the internal DAC digital filters on the DACDAT input. DACDAT is the formatted digital audio data stream output to the DAC digital filters with left and right channels multiplexed together. DACLRC is an alignment clock that controls whether Left or Right channel data is present on DACDAT. DACDAT and DACLRC are synchronous with the BCLK signal with each data bit transition signified by a BCLK high to low transition. DACDAT is always an input. BCLK and DACLRC are either outputs or inputs depending whether the device is in master or slave mode. Refer to the MASTER/SLAVE OPERATION section There are four digital audio interface formats accommodated by the WM8721. These are shown in the figures below. Refer to the Electrical Characteristic section for timing information. Left Justified mode is where the MSB is available on the first rising edge of BCLK following a DACLRC transition. LEFT CHANNEL RIGHT CHANNEL DACLRC BCLK DACDAT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB Figure 12 Left Justified Mode I2S mode is where the MSB is available on the 2nd rising edge of BCLK following a LRCLK transition. LEFT CHANNEL RIGHT CHANNEL DACLRC BCLK DACDAT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB 1 BCLK 1 BCLK Figure 13 I2S Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |