Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23 Datasheet(PDF) 1 Page - Analog Devices

Part # SL23
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SL23 Datasheet(HTML) 1 Page - Analog Devices

  SL23 Datasheet HTML 1Page - Analog Devices SL23 Datasheet HTML 2Page - Analog Devices SL23 Datasheet HTML 3Page - Analog Devices SL23 Datasheet HTML 4Page - Analog Devices SL23 Datasheet HTML 5Page - Analog Devices SL23 Datasheet HTML 6Page - Analog Devices SL23 Datasheet HTML 7Page - Analog Devices SL23 Datasheet HTML 8Page - Analog Devices SL23 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1.2 A, 20 V, 700 kHz/1.4 MHz,
Nonsynchronous Step-Down Regulator
ADP2300/ADP2301
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevices foritsuse,norforanyinfringements of patents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
1.2 A maximum load current
±2% output accuracy over temperature range
Wide input voltage range: 3.0 V to 20 V
700 kHz (ADP2300) or 1.4 MHz (ADP2301)
switching frequency options
High efficiency up to 91%
Current-mode control architecture
Output voltage from 0.8 V to 0.85 × VIN
Automatic PFM/PWM mode switching
Precision enable pin with hysteresis
Integrated high-side MOSFET
Integrated bootstrap diode
Internal compensation and soft start
Minimum external components
Undervoltage lockout (UVLO)
Overcurrent protection (OCP) and thermal shutdown (TSD)
ADIsimPower™ online design tool
Available in ultrasmall, 6-lead TSOT package
APPLICATIONS
LDO replacement for digital load applications
Intermediate power rail conversion
Communications and networking
Industrial and instrumentation
Healthcare and medical
Consumer
TYPICAL APPLICATIONS CIRCUIT
3.0V TO 20V
VIN
BST
SW
FB
VOUT
EN
ON
OFF
GND
ADP2300/
ADP2301
Figure 1.
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1.0
1.2
IOUT (A)
VIN = 12V
VOUT = 5.0V
fSW = 1.4MHz
fSW = 700kHz
Figure 2. Efficiency vs. Output Current
GENERAL DESCRIPTION
The ADP2300/ADP2301 are compact, constant-frequency,
current-mode, step-down dc-to-dc regulators with integrated
power MOSFET. The ADP2300/ADP2301 devices run from
input voltages of 3.0 V to 20 V, making them suitable for a wide
range of applications. A precise, low voltage internal reference
makes these devices ideal for generating a regulated output
voltage as low as 0.8 V, with ±2% accuracy, for up to 1.2 A load
current.
There are two frequency options: the ADP2300 runs at 700 kHz,
and the ADP2301 runs at 1.4 MHz. These options allow users to
make decisions based on the trade-off between efficiency and
total solution size. Current-mode control provides fast and stable
line and load transient performance. The ADP2300/ADP2301
devices include internal soft start to prevent inrush current at
power-up. Other key safety features include short-circuit protec-
tion, thermal shutdown (TSD), and input undervoltage lockout
(UVLO). The precision enable pin threshold voltage allows the
ADP2300/ADP2301 to be easily sequenced from other input/
output supplies. It can also be used as a programmable UVLO
input by using a resistive divider.
The ADP2300/ADP2301 are available in a 6-lead TSOT package
and are rated for the −40°C to +125°C junction temperature range.


Similar Part No. - SL23

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL23 PANJIT-SL23 Datasheet
53Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SL23 TRSYS-SL23 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL23 GE-SL23 Datasheet
79Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SL23 BILIN-SL23 Datasheet
65Kb / 2P
SMD SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SL23 GOOD-ARK-SL23 Datasheet
179Kb / 2P
Surface Mount Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 2.0 Amperes
More results

Similar Description - SL23

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2302 AD-ADP2302 Datasheet
1,009Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2302 AD-ADP2302_12 Datasheet
984Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
logo
Texas Instruments
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Texas Instruments
TPS563249 TI1-TPS563249 Datasheet
627Kb / 22P
17 V, 3 A, Constant 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249_18 Datasheet
670Kb / 21P
17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com