Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FARM2T21 Datasheet(PDF) 1 Page - Vicor Corporation

Part # FARM2T21
Description  FARM Filter/ Autoranging Rectifier Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM2T21 Datasheet(HTML) 1 Page - Vicor Corporation

  FARM2T21 Datasheet HTML 1Page - Vicor Corporation FARM2T21 Datasheet HTML 2Page - Vicor Corporation FARM2T21 Datasheet HTML 3Page - Vicor Corporation FARM2T21 Datasheet HTML 4Page - Vicor Corporation FARM2T21 Datasheet HTML 5Page - Vicor Corporation FARM2T21 Datasheet HTML 6Page - Vicor Corporation FARM2T21 Datasheet HTML 7Page - Vicor Corporation FARM2T21 Datasheet HTML 8Page - Vicor Corporation FARM2T21 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FARM, Filter/Autoranging Rectifier Module
Rev. 4.7
Page 1 of 12
Parameter
Rating
Unit
Notes
L to N voltage
264
Vac
Continuous
L to N voltage
280
Vac
100ms
+Out to –Out voltage
400
Vdc
B OK to –Out voltage
16
Vdc
EN to –Out voltage
16
Vdc
Mounting torque
4-6(0.45 -0.68)
in-lbs (N-m)
6 each, 4-40 screw
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
Pin soldering temperature
750 (390)
°F (°C)
<7 sec; hand solder
Features
• EMI filtering
• Choice of 500W or 750W modules
• 96% Efficiency
• Autoranging 115/230Vac input
• Microprocessor controlled
• Inrush current limiting
• Mini sized package
• Power fail signal
• Module enable
Product Highlights
The FARM (Filter/Autoranging Rectifier
Module) is an AC front-end module which
provides EMI filtering, autoranging line
rectification and inrush current limiting. The
FARM is available in either 500/750W or
750/1000W models in a mini sized package
measuring only 2.28" x 2.2" x 0.5".
The FARM interfaces directly with
worldwide AC mains and may be used with
Vicor 1st or 2nd Generation 300V input
DC-DC converters to realize an autoranging,
high density, low profile switching power
supply. The FARM includes a microcontroller
that continuously monitors the AC line to
control bridge/doubler operation. The user
need only provide external capacitance to
satisfy system hold-up requirements.
Vicor 2nd Generation packaging technology
offers flexible mounting options for various
manufacturing processes. The FARM may be
installed as a conventional leaded device
for on-board applications, in-board for low
profile, height restricted applications,
socketed or surface mounted with optional
ModuMate interconnect products.
Data Sheet
FARM
TM
Filter/
Autoranging Rectifier Module
Up to 1000 Watts
45
Shown actual size:
2.28 x 2.2 x 0.5 in
57,9 x 55,9 x 12,7 mm
Absolute Maximum Rating
Thermal Resistance and Capacity
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.16
°C/Watt
Baseplate to sink; with thermal pad (P/N 20264)
0.14
°C/Watt
Baseplate to ambient
8.0
°C/Watt
Baseplate to ambient; 1000 LFM
1.9
°C/Watt
FARM
1
C
1
1
Product
Type
1 = 500/750W
2 = 750/1000W
Baseplate
1 = Slotted
2 = Threaded
3 = Thru-hole
Pin Style*
1= Short Pin
2= Long Pin
S= Short ModuMate
N= Long ModuMate
Product Grade
C = –20°C to +100°C
T = –40°C to +100°C
Part Numbering
*Pin styles S & N are compatible with the ModuMate interconnect system for socketing and surface mounting.


Similar Part No. - FARM2T21

ManufacturerPart #DatasheetDescription
logo
Powerbox
FARM2T21 POWERBOX-FARM2T21 Datasheet
385Kb / 1P
AUTORANGING AC INPUT WITH FILTER
logo
Vicor Corporation
FARM2T21 VICOR-FARM2T21 Datasheet
1Mb / 11P
Autoranging Rectifier Module Up to 1000 Watts
FARM2T21 VICOR-FARM2T21 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
FARM2T21 VICOR-FARM2T21 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
More results

Similar Description - FARM2T21

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
Autoranging Rectifier Modules Up to 1500 Watts
logo
Extech Instruments Corp...
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
Mini Autoranging MultiMeter
logo
Powerbox
FARM1C11 POWERBOX-FARM1C11 Datasheet
385Kb / 1P
AUTORANGING AC INPUT WITH FILTER
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
AC INPUT - AUTORANGING
logo
Vicor Corporation
483974 VICOR-483974 Datasheet
626Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
FARM1C11 VICOR-FARM1C11_15 Datasheet
1Mb / 11P
Autoranging Rectifier Module Up to 1000 Watts
FARM1C11 VICOR-FARM1C11_17 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
FARMXXXX VICOR-FARMXXXX Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com