Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTCTDA2003 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCTDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2003 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCTDA2003 Datasheet HTML 1Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 2Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 3Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 4Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTCTDA2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R107-002,A
ABSOLUTE MAXIMUM RATINGS(Ta=25
°C)
PARAMETER
SYMBOL
VALUE
UNIT
Peak Supply Voltage
Vs
40
V
DC Supply Voltage
Vs
28
V
Operating Supply Voltage
Vs
18
V
Output Peak Current (repetitive)
Io
3.5
A
Output Peak Current ( non repetitive)
Io
4.5
A
Power Dissipation at Tcase = 90
°C
Ptot
20
W
Storage Temperature
Tstg
-40~+150
°C
Junction Temperature
Tj
-40~+150
°C
ELECTRICAL CHARACTERISTICS(Refer to the test circuit,Vs=+-16V,Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Supply Voltage
Vs
8
18
V
Quiescent Output
Voltage
Vo
6.1
6.9
7.7
V
Quiescent Drain
Current
Id
44
50
mA
AC CHARACTERISTICS
d=10%,f=1kHz
RL=8
Ω
5.5
6
Output Power
Po
RL=2
Ω
9
10
W
RL=3.2
Ω
7.5
RL=1.6
Ω
12
f=1kHz
Po=0.5W,RL=4
Ω
14
mV
Input Sensitivity
Vi
Po=6W,RL=4
Ω
55
mV
Po=0.5W,RL=2
Ω
10
mV
Po=10W,RL=2
Ω
50
mV
Input Saturation
Voltage
Vi(rms)
300
mV
Frequency
Response(-3dB)
B
Po=1W,RL=4
Ω
40
15000
Hz
f=1kHz
Distortion
D
Po=0.05 to 4.5W ,RL=4
Ω
0.15
%
Po=0.05 to 7.5W ,RL=2
Ω
0.15
Input
Resistance(Pin 1)
Ri
open loop,f=1kHz
70
150
k
Ω
Input Noise Current
eN
60
200
pA
Input Noise Voltage
IN
1
5
µV
Open Loop
Gvo
f=1kHz
80
dB
Voltage Gain
f=10kHz
60
dB
Closed Loop
Gvc
f=1kHz
Voltage Gain
RL=4
Ω
39.3
40
40.3
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com