Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2SW-P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2SW-P
Description  Sealed Subminiature Basic Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2SW-P Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2SW-P Datasheet HTML 1Page - Omron Electronics LLC D2SW-P Datasheet HTML 2Page - Omron Electronics LLC D2SW-P Datasheet HTML 3Page - Omron Electronics LLC D2SW-P Datasheet HTML 4Page - Omron Electronics LLC D2SW-P Datasheet HTML 5Page - Omron Electronics LLC D2SW-P Datasheet HTML 6Page - Omron Electronics LLC D2SW-P Datasheet HTML 7Page - Omron Electronics LLC D2SW-P Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
202
Sealed Subminiature Basic Switch
D2SW-P
Specifications
■ Characteristics
Note: 1. The data given above are initial values.
2. The dielectric strength shown is measured using a separator between the switch and metal mounting plate.
3. For the pin plunger models, the above values apply for both the free position and total travel position. For the lever models, the values
apply at the total travel position. Contact opening or closing time is within 1ms.
■ Ratings
Note: The ratings values apply under the following test conditions.
Ambient temperature: 20±2°C
Ambient humidity: 65±5%
Operating frequency: 20 operations/min.
■ Approved Standards
UL Recognized
CSA Certified
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard refer-
ence values. This value represents the failure rate at a 60%
(λ
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
■ Contact Form
Note: Lead wire colors are indicated in parentheses.
Item
Model
D2SW-P2
D2SW-P01
Operating speed
0.1 mm to 500 mm/s (pin plunger models)
Operating frequency
Mechanical: 120 operations/min max.
Electrical:
20 operations/min max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
Terminal models: 50 m
Ω max.
Molded lead wire models: 100 m
Ω max.
Terminal models: 100 m
Ω max.
Molded lead wire models: 150 m
Ω max.
Dielectric strength (see note 2)
1,000 VAC, 50/60 Hz for 1 min. between
terminals of the same polarities
600 VAC, 50/60 Hz for 1 min. between
terminals of the same polarities
1,500 VAC, 50/60 Hz for 1 min. between current-carrying metal parts and ground, and between
each terminal and non-current-carrying metal parts
Vibration resistance (see note 3)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (see note 3)
Destruction: 1,000 m/s2 (approx. 100 G) max.
Malfunction: 300 m/s2 (approx. 30 G) max.
Degree of protection
IEC IP67 (excluding the terminals on terminal models)
Degree of protection against electric shock Class I
Proof tracking index (PTI)
175
Ambient operating temperature
-20
°C to 70°C (at 60% RH max.) with no icing
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Life expectancy
Mechanical: 1,000,000 operations min.
(60 operations/min.)
Electrical: 50,000 operations min.
(20 operations/min.)
Mechanical: 1,000,000 operations min.
(60 operations/min.)
Electrical: 200,000 operations min.
(20 operations/min.)
Weight
Approx. 2 g (pin plunger models with terminals)
Model
Rated voltage
Resistive load
D2SW-P2
30 VDC
2 A
250 VAC
D2SW-P01
30 VDC
0.1 A
125 VAC
Rated voltage
D2SW-P2
D2SW-P01
125 VAC
250 VAC
—
2 A
0.1 A
—
30 VDC
2 A
0.1 A
Item
D2SW-P2
D2SW-P01
Specification
Rivet
Crossbar
Material
Silver alloy
Gold alloy
Gap (standard value)
0.5 mm
Minimum applicable load
(see note)
160 mA at 5 VDC 1 mA at 5 VDC
SPDT
SPST-NC
(wire models, only)
SPST-NO
(wire models, only)
COM
NO
NC
(Black) (Blue) (Red)
COM
NC
(Black)
(Red)
COM
NO
(Black) (Blue)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com